Moteur de recherche de fiches techniques de composants électroniques |
|
CS-47NX0-D Fiches technique(PDF) 6 Page - Teledyne Technologies Incorporated |
|
CS-47NX0-D Fiches technique(HTML) 6 Page - Teledyne Technologies Incorporated |
6 / 8 page CCS-47/CS-47 Page 6 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCS-47\CS-47\082013\Q3 Series CCS-47/CS-47 High Power DC–12 GHz Failsafe TRANSFER Coaxial Switch COAX SWITCHES Power Handling vs. Frequency Estimates based on the following reference conditions: • Ambient temperature of 40°C or less • Sea level operation • Load VSWR of 1.20:1 maximum • No high-power (hot) switching Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions. TYPICAL POWER PERFORMANCE CURVE 3000 Frequency GHz 2000 1000 800 600 400 300 200 100 80 60 40 30 20 10 .1 .2 .3 .4 .6 .8 1 2 4 6 8 10 SPECIAL HIGH POWER SWITCHES ST ANDARD N & TNC SWITCHES |
Numéro de pièce similaire - CS-47NX0-D |
|
Description similaire - CS-47NX0-D |