Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP15DU600S24 Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited

No de pièce TP15DU600S24
Description  15W 2.5KV isolated 100-1000VDC super wide input voltage DC/DC converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15DU600S24 Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited

  TP15DU600S24 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15DU600S24 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15DU600S24 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP15DU series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page3 / 3
MECHANICAL DIMENSIONS
PIN
Single
Dual
1
NC
NC
2
-Vin
-Vin
3
+Vin
+Vin
4
-V0
-V02
5
+V0
+V01
6
No pin
Com
MODEL SELECTION
Units:mm
Tolerance:±0.2mm
TP
15
D
U 600
S
24
output voltage
S:single output, D:Dual output
Rated input voltage
Package type
DC-DC
Rated output power
Brand name
48.00
1.30
23.5
20.00
20.00
1
2
3
4
5
4.00
62.00
23.00
70.00
底视图
6.00
TOPPOWER


Numéro de pièce similaire - TP15DU600S24

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB Datasheet
175Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
145Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
400Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
175Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

Description similaire - TP15DU600S24

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
   15W 2.5KV Isolation Wide Input AC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DB TOPPOWER-TP15DB_V01 Datasheet
175Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_17 Datasheet
400Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
   15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AZ TOPPOWER-TP03AZ Datasheet
230Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
logo
MORNSUN Science& Techno...
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com