Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54543AL Fiches technique(PDF) 3 Page - Mitsubishi Electric Semiconductor

No de pièce M54543AL
Description  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54543AL Fiches technique(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M54543AL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54543AL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54543AL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54543AL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER
WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AL
MITSUBISHI ICs (AV COMMON)
TYPICAL CHARACTERISTICS
0
0
-600
1.0
0.2
0.4
0.6
-500
-400
-300
-200
-100
0.8
VCC=VCC'=12V
Ta=75
°C
Ta=25
°C
Ta=-20
°C
"H" OUTPUT SATURATION
"H" OUTPUT VOLTAGE VCC'-VOH (V)
"L" OUTPUT SATURATION
"L" OUTPUT VOLTAGE VOL (V)
0
0
600
1.0
0.2
0.4
0.6
500
400
300
200
100
0.8
Ta=25
°C
Ta=-20
°C
Ta=75
°C
VCC=VCC'=12V
0
0
8
6
4
2
100
25
50
75
FREE AIR
THERMAL DERATING (MAXIMUM RATING)
AMBIENT TEMPERATURE Ta (
°C)
25cm
2×1.5mm (t)
ALUMINUM
HEAT SINK


Numéro de pièce similaire - M54543AL

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M54543AFP MITSUBISHI-M54543AFP Datasheet
74Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AFP MITSUBISHI-M54543AFP Datasheet
231Kb / 4P
   BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543ASL MITSUBISHI-M54543ASL Datasheet
231Kb / 4P
   BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
More results

Description similaire - M54543AL

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M54544AL MITSUBISHI-M54544AL Datasheet
75Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543ASL MITSUBISHI-M54543ASL Datasheet
231Kb / 4P
   BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AFP MITSUBISHI-M54543AFP Datasheet
74Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54549AL MITSUBISHI-M54549AL Datasheet
206Kb / 4P
   DUAL BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54641L MITSUBISHI-M54641L Datasheet
79Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54543L MITSUBISHI-M54543L Datasheet
42Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54544L MITSUBISHI-M54544L Datasheet
80Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
logo
Renesas Technology Corp
M54641L RENESAS-M54641L Datasheet
187Kb / 9P
   Bi-Directional Motor Driver with Brake Function
logo
NTE Electronics
NTE1892 NTE-NTE1892 Datasheet
103Kb / 3P
   Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
   1.5A MOTOR DRIVER WITH BRAKE FUNCTION
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com