Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7654 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7654
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7654 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7654_17 Datasheet HTML 5Page - Analog Devices AD7654_17 Datasheet HTML 6Page - Analog Devices AD7654_17 Datasheet HTML 7Page - Analog Devices AD7654_17 Datasheet HTML 8Page - Analog Devices AD7654_17 Datasheet HTML 9Page - Analog Devices AD7654_17 Datasheet HTML 10Page - Analog Devices AD7654_17 Datasheet HTML 11Page - Analog Devices AD7654_17 Datasheet HTML 12Page - Analog Devices AD7654_17 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7654
Data Sheet
Rev. D | Page 8 of 27
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
48 47 46 45 44 43 42 41 40 39 38 37
35
CNVST
34
PD
33
RESET
30
EOC
31
RD
32
CS
36
DVDD
29
BUSY
28
D15
27
D14
25
D12
26
D13
2
AVDD
3
A0
4
BYTESWAP
7
IMPULSE
6
DGND
5
A/B
1
AGND
8
SER/PAR
9
D0
10
D1
12
D3/DIVSCLK[1]
11
D2/DIVSCLK[0]
13 14 15 16 17 18 19 20 21 22 23 24
PIN 1
AD7654
TOP VIEW
(Not to Scale)
Figure 4. 48-Lead LQFP (ST-48) Pin Configuration
AVDD
A0
BYTESWAP
IMPULSE
DGND
AGND
D0
D1
D3/DIVSCLK[1]
D2/DIVSCLK[0]
AD7654
TOP VIEW
(Not to Scale)
NOTES
1. THE EPAD IS CONNECTED TO GROUND; HOWEVER, THIS CONNECTION
IS NOT REQUIRED TO MEET SPECIFIED PERFORMANCE.
SER/PAR
A/B
PD
RESET
DVDD
BUSY
D15
D14
D12
D13
CS
RD
EOC
CNVST
1
2
3
4
5
6
7
8
9
10
11
12
35
36
34
33
32
31
30
29
28
27
26
25
Figure 5. 48-Lead LFCSP (CP-48) Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 47, 48
AGND
P
Analog Power Ground Pin.
2
AVDD
P
Input Analog Power Pin. Nominally 5 V.
3
A0
DI
Multiplexer Select. When low, the analog inputs INA1 and INB1 are sampled simultaneously, then
converted. When high, the analog inputs INA2 and INB2 are sampled simultaneously, then converted.
4
BYTESWAP
DI
Parallel Mode Selection (8 bit, 16 bit). When low, the LSB is output on D[7:0] and the MSB is output on
D[15:8]. When high, the LSB is output on D[15:8] and the MSB is output on D[7:0].
5
A/B
DI
Data Channel Selection. In parallel mode, when low, the data from Channel B is read. When high, the
data from Channel A is read. In serial mode, when high, Channel A is output first followed by Channel
B. When low, Channel B is output first followed by Channel A.
6, 20
DGND
P
Digital Power Ground.
7
IMPULSE
DI
Mode Selection. When high, this input selects a reduced power mode. In this mode, the power
dissipation is approximately proportional to the sampling rate.
8
SER/PAR
DI
Serial/Parallel Selection Input. When low, the parallel port is selected; when high, the serial interface
mode is selected and some bits of the DATA bus are used as a serial port.
9, 10
D[0:1]
DO
Bit 0 and Bit 1 of the Parallel Port Data Output Bus. When SER/PAR is high, these outputs are in high
impedance.
11, 12
D[2:3] or
DI/O
When SER/PAR is low, these outputs are used as Bit 2 and Bit 3 of the parallel port data output bus.
DIVSCLK[0:1]
When SER/PAR is high, EXT/INT is low, and RDC/SDIN is low, which is the serial master read after
convert mode, these inputs, part of the serial port, are used to slow down if desired the internal serial
clock that clocks the data output. In the other serial modes, these inputs are not used.
13
D[4]
DI/O
When SER/PARis low, this output is used as Bit 4 of the parallel port data output bus.
or EXT/INT
When SER/PARis high, this input, part of the serial port, is used as a digital select input for choosing
the internal or an external data clock, called respectively, master and slave mode. With EXT/INT tied
low, the internal clock is selected on SCLK output. With EXT/INT set to a logic high, output data is
synchronized to an external clock signal connected to the SCLK input.
14
D[5]
DI/O
When SER/PAR is low, this output is used as Bit 5 of the parallel port data output bus.
or INVSYNC
When SER/PAR is high, this input, part of the serial port, is used to select the active state of the SYNC
signal in Master modes. When low, SYNC is active high. When high, SYNC is active low.


Numéro de pièce similaire - AD7654_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
More results

Description similaire - AD7654_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7654ACPRL AD-AD7654ACPRL Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
   Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com