Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND7012AY Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce VND7012AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7012AY Fiches technique(HTML) 3 Page - STMicroelectronics

  VND7012AY Datasheet HTML 1Page - STMicroelectronics VND7012AY Datasheet HTML 2Page - STMicroelectronics VND7012AY Datasheet HTML 3Page - STMicroelectronics VND7012AY Datasheet HTML 4Page - STMicroelectronics VND7012AY Datasheet HTML 5Page - STMicroelectronics VND7012AY Datasheet HTML 6Page - STMicroelectronics VND7012AY Datasheet HTML 7Page - STMicroelectronics VND7012AY Datasheet HTML 8Page - STMicroelectronics VND7012AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
VND7012AY
List of tables
DocID027407 Rev 4
3/45
List of tables
Table 1: Pin functions .................................................................................................................................5
Table 2: Suggested connections for unused and not connected pins ........................................................6
Table 3: Absolute maximum ratings ...........................................................................................................7
Table 4: Thermal data.................................................................................................................................8
Table 5: Power section ...............................................................................................................................8
Table 6: Switching (VCC = 13 V; -40 °C < Tj < 150 °C, unless otherwise specified) .................................9
Table 7: Logic Inputs (7 V < VCC < 28 V; -40°C < Tj < 150°C)................................................................10
Table 8: Protections (7 V < VCC < 18 V; -40°C < Tj < 150°C) .................................................................11
Table 9: MultiSense (7 V < VCC < 18 V; -40°C < Tj < 150°C) .................................................................11
Table 10: Truth table.................................................................................................................................19
Table 11: MultiSense multiplexer addressing ...........................................................................................20
Table 12: ISO 7637-2 - electrical transient conduction along supply line.................................................27
Table 13: MultiSense pin levels in off-state ..............................................................................................31
Table 14: PCB properties .........................................................................................................................35
Table 15: Thermal parameters .................................................................................................................36
Table 16: PowerSSO-36 mechanical data................................................................................................38
Table 17: Reel dimensions .......................................................................................................................40
Table 18: PowerSSO-36 carrier tape dimensions ....................................................................................41
Table 19: Device summary .......................................................................................................................43
Table 20: Document revision history ........................................................................................................44


Numéro de pièce similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
More results

Description similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
VND7004AY STMICROELECTRONICS-VND7004AY Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7030AJ STMICROELECTRONICS-VND7030AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 2
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 3
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
   High-side driver with MultiSense analog feedback for automotive applications
Rev 7 - January 2020
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com