Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND7012AY Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce VND7012AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7012AY Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button VND7012AY Datasheet HTML 25Page - STMicroelectronics VND7012AY Datasheet HTML 26Page - STMicroelectronics VND7012AY Datasheet HTML 27Page - STMicroelectronics VND7012AY Datasheet HTML 28Page - STMicroelectronics VND7012AY Datasheet HTML 29Page - STMicroelectronics VND7012AY Datasheet HTML 30Page - STMicroelectronics VND7012AY Datasheet HTML 31Page - STMicroelectronics VND7012AY Datasheet HTML 32Page - STMicroelectronics VND7012AY Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
VND7012AY
Application information
DocID027407 Rev 4
29/45
4.4.1
Principle of Multisense signal generation
Figure 33: MultiSense block diagram
Current monitor
When current mode is selected via MultiSense, this output is capable of providing:
Current mirror proportional to the load current in normal operation, delivering current
proportional to the load according to a known ratio named K
Diagnostics flag in fault conditions delivering fixed voltage VSENSEH
The current delivered by the current sense circuit, ISENSE, can be easily converted to a
voltage VSENSE by using an external sense resistor, RSENSE, allowing continuous load
monitoring and abnormal condition detection.
Normal operation (channel ON, no fault, SEn active)
While device is operating in normal conditions (no fault intervention), VSENSE calculation can
be done using simple equations
Current provided by MultiSense output: ISENSE = IOUT/K
Voltage on RSENSE: VSENSE = RSENSE · ISENSE = RSENSE · IOUT/K
Where:
VSENSE is the voltage measurable on RSENSE resistor
ISENSE is the current provided from MultiSense pin in current output mode


Numéro de pièce similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
More results

Description similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
VND7004AY STMICROELECTRONICS-VND7004AY Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7030AJ STMICROELECTRONICS-VND7030AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 2
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 3
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
   High-side driver with MultiSense analog feedback for automotive applications
Rev 7 - January 2020
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com