Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND7012AY Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce VND7012AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7012AY Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button VND7012AY Datasheet HTML 18Page - STMicroelectronics VND7012AY Datasheet HTML 19Page - STMicroelectronics VND7012AY Datasheet HTML 20Page - STMicroelectronics VND7012AY Datasheet HTML 21Page - STMicroelectronics VND7012AY Datasheet HTML 22Page - STMicroelectronics VND7012AY Datasheet HTML 23Page - STMicroelectronics VND7012AY Datasheet HTML 24Page - STMicroelectronics VND7012AY Datasheet HTML 25Page - STMicroelectronics VND7012AY Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Electrical specification
VND7012AY
22/45
DocID027407 Rev 4
Figure 16: Low level logic input current
Figure 17: Logic Input hysteresis voltage
Figure 18: FaultRST Input clamp voltage
Figure 19: Undervoltage shutdown
Figure 20: On-state resistance vs. Tcase
Figure 21: On-state resistance vs. VCC
GAPG0907141511CFT
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
T [°C]
IiL, IFRL, ISELL, ISEnL [µA]
GAPG0907141512CFT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Vi(hyst), VFR(hyst), VSEL(hyst), VSEn(hyst) [V]
GAPG0907141513CFT
-1
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VFRCL [V]
Iin = 1mA
Iin = -1mA
GAPG0907141514CFT
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VUSD [V]
GAPG0907141515CFT
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Ron [mOhm]
Iout = 7A
Vcc = 13V
GAPG0907141517CFT
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
Vcc [V]
Ron [mOhm]
T = -40 °C
T = 25 °C
T = 125 °C
T = 150 °C


Numéro de pièce similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
More results

Description similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
VND7004AY STMICROELECTRONICS-VND7004AY Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7030AJ STMICROELECTRONICS-VND7030AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 2
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 3
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
   High-side driver with MultiSense analog feedback for automotive applications
Rev 7 - January 2020
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com