Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863448B Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC863448B
Description  8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863448B Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC863448B Datasheet HTML 1Page - Sanyo Semicon Device LC863448B Datasheet HTML 2Page - Sanyo Semicon Device LC863448B Datasheet HTML 3Page - Sanyo Semicon Device LC863448B Datasheet HTML 4Page - Sanyo Semicon Device LC863448B Datasheet HTML 5Page - Sanyo Semicon Device LC863448B Datasheet HTML 6Page - Sanyo Semicon Device LC863448B Datasheet HTML 7Page - Sanyo Semicon Device LC863448B Datasheet HTML 8Page - Sanyo Semicon Device LC863448B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LC863448B/40B/32B/28B/24B/20B/16B
No.7935-3/17
AD converter
• 4 channels × 6-bit AD converters
Serial interfaces
• IIC-bus compliant serial interface (Multi-master type)
Consists of a single built-in circuit with two I/O channels. The two data lines and two clock lines can be connected
internally.
PWM output
• 3 channels × 7-bit PWM
Timer
• Timer 0 : 16-bit timer/counter
With 2-bit prescaler + 8-bit programmable prescaler
Mode 0 : Two 8-bit timers with a programmable prescaler
Mode 1 : 8-bit timer with a programmable prescaler + 8-bit counter
Mode 2 : 16-bit timer with a programmable prescaler
Mode 3 : 16-bit counter
The resolution of timer is 1 tCYC.
• Base timer
Generate every 500ms overflow for a clock application
(using 32.768kHz crystal oscillation for the base timer clock)
Generate every 976
µs, 3.9ms, 15.6ms, 62.5ms overflow
(using 32.768kHz crystal oscillation for the base timer clock)
Clock for the base timer is selectable from 32.768kHz crystal oscillation, system clock or programmable prescaler
output of Timer 0
Remote control receiver circuit (connected to the P73/INT3/T0IN terminal)
• Noise rejection function
• Polarity switching
Watchdog timer
External RC circuit is required
Interrupt or system reset is activated when the timer overflows
ROM correction function
Max 128-bytes/2 addresses
Interrupts
• 12 sources 8 vectored interrupts
1. External Interrupt INT0
2. External Interrupt INT1
3. External Interrupt INT2, Timer/counter T0L (Lower 8-bits)
4. External Interrupt INT3, base timer
5. Timer/counter T0H (Upper 8-bits)
6. Data slicer
7. Vertical synchronous signal interrupt (VS), horizontal line (HS)
8. IIC, Software
• Interrupt priority control
Three interrupt priorities are supported (low, high and highest) and multi-level nesting is possible.
Low or high priority can be assigned to the interrupts from 3 to 8 listed above.
For the external interrupt INT0 and INT1, low or highest priority can be set.


Numéro de pièce similaire - LC863448B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863448C SANYO-LC863448C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

Description similaire - LC863448B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com