Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE2339 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE2339
Description  Silicon NPN Transistor High Voltage, High Speed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2339 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE2339 Datasheet HTML 1Page - NTE Electronics NTE2339 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Base Breakdown Voltage
V(BR)CBO IC = 1mA, IE = 0
1100
V
Collector–Emitter Breakdown Voltage V(BR)CEO IC = 5mA, RBE = ∞
800
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 1mA, IC = 0
7
V
Collector–Emitter Sustaining Voltage VCEX(sus) IC = 1.5A, IB1 = IB2 = 300mA,
L = 2mH, Clamped
800
V
Turn–On Time
ton
0.5
µs
Storage Time
tstg
VCC = 400V, IB1 = –2.5A,
3.0
µs
Fall Time
tf
IB2 =IC = 2A, RL = 200Ω
0.3
µs
.402 (10.2) Max
.224 (5.7) Max
.295
(7.5)
.165
(4.2)
.669
(17.0)
Max
.531
(13.5)
Min
.100 (2.54)
.059 (1.5) Max
.114 (2.9) Max
.173 (4.4) Max
BC
E
.122 (3.1)
Dia
NOTE: Tab is isolated


Numéro de pièce similaire - NTE2339

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE233 NTE-NTE233 Datasheet
20Kb / 2P
   Silicon NPN Transistor Video IF, Oscillator
NTE2330 NTE-NTE2330 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Gain Amp w/Internal Zener Diode
NTE2331 NTE-NTE2331 Datasheet
22Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Deflection Output w/Damper Diode
NTE2332 NTE-NTE2332 Datasheet
23Kb / 2P
   Darlington Silicon NPN Transistor w/ Internal Damper & Zener Diode
NTE2333 NTE-NTE2333 Datasheet
29Kb / 3P
   Silicon NPN Power Transistor for Switching Power Applications
More results

Description similaire - NTE2339

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2348 NTE-NTE2348 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2327 NTE-NTE2327 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2310 NTE-NTE2310 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2579 NTE-NTE2579 Datasheet
19Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2584 NTE-NTE2584 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com