Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZT460S45 Fiches technique(PDF) 2 Page - Power Semiconductors

No de pièce AZT460S45
Description  HIGH CURRENT PHASE CONTROL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSEICO [Power Semiconductors]
Site Internet  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AZT460S45 Fiches technique(HTML) 2 Page - Power Semiconductors

  AZT460S45 Datasheet HTML 1Page - Power Semiconductors AZT460S45 Datasheet HTML 2Page - Power Semiconductors AZT460S45 Datasheet HTML 3Page - Power Semiconductors AZT460S45 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AZT460 HIGH CURRENT PHASE CONTROL
FINAL SPECIFICATION
May 17 - Issue: 3
DISSIPATION CHARACTERISTICS
SQUARE WAVE
DC
180°
120°
90°
60°
30°
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
Th [°C]
IT(AV) [A]
DC
180°
120°
90°
60°
30°
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200
300
400
500
600
700
800
900
1000
PF(AV) [W]
IT(AV) [A]


Numéro de pièce similaire - AZT460S45

FabricantNo de pièceFiches techniqueDescription
logo
Power Semiconductors
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT400HVIS45 POSEICO-AZT400HVIS45 Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
More results

Description similaire - AZT460S45

FabricantNo de pièceFiches techniqueDescription
logo
Power Semiconductors
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT1150 POSEICO-AZT1150 Datasheet
149Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT530 POSEICO-AZT530 Datasheet
138Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT740 POSEICO-AZT740 Datasheet
197Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT630 POSEICO-AZT630 Datasheet
139Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT800 POSEICO-AZT800 Datasheet
139Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT310HVI POSEICO-AZT310HVI Datasheet
138Kb / 4P
   HIGH CURRENT PHASE CONTROL
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com