Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP03AL220S24LSW Fiches technique(PDF) 2 Page - Toppower Electronic Technology Limited

No de pièce TP03AL220S24LSW
Description  3W 3KVAC Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AL220S24LSW Fiches technique(HTML) 2 Page - Toppower Electronic Technology Limited

  TP03AL220S24LSW Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AL220S24LSW Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AL220S24LSW Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP03AL Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 / 3
Dimensions
35*21*13mm (L*W*H)
Remarks
1.This model is open Frame, in order to meet the safety requirements of the module primary and secondary external components
2.The data in this manual are measured at TA = 25 ° C, humidity <75%, input nominal voltage (115Vac and 230Vac) and output
rated load,except for special instructions.
3.In order to improve the efficiency of light load conversion, when the module load <30% of the rated load, the module may have
weak audio noise, but does not affect the product performance and reliability.
4. After the module is assembled, it needs to be Dispensing fixed
MECHANICAL DIMENSIONS
12 PIN SIP
1
AC
3
AC
5
+V(cap)
7
-V(cap)
10
-Vo
12
+Vo
1
5.08
35
3
5
7
10
12
7.62
3
3.5
13
1
35.00
35
7
10
12
2.54
2.54
Grid spacing : 2.54mm
PRODUCT SCHEMATIC
RECTIFIES
&
FILTER
POWER
SWITCHING
RECTIFIES
&
FILTER
AC(N)
AC(L)
+Vo
-Vo
RIPPLE AND NOISE TEST METHODS
AC(L)
AC(N)
FUSE
3
7
1
12
10
AC-DC
+Vo
-Vo
CY0
L1
负载
铜箔带
铜箔带
接示波器探头
C1
C2
Notes: CY0 is 1nF / 400VAC Y1 capacitor, L1, C1, C2 Please refer to the external circuit parameters typical
PRODUCT CHARACTERISTICS CURVE
Front view
Side view
Connect to Oscilloscope probe
Load
Copper foil belt
TOPPOWER


Numéro de pièce similaire - TP03AL220S24LSW

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP03AL220S24LSW TOPPOWER-TP03AL220S24LSW Datasheet
238Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S24LSW TOPPOWER-TP03AL220S24LSW Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results

Description similaire - TP03AL220S24LSW

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S15LSW TOPPOWER-TP03AL220S15LSW Datasheet
828Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL Datasheet
238Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC_19 TOPPOWER-TP03AC_19_05 Datasheet
713Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com