Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HC175 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
CD74HC175 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 12 page 2 Functional Diagram Logic Diagram TRUTH TABLE INPUTS OUTPUTS RESET (MR) CLOCK CP DATA Dn Qn Qn LX X L H H ↑ HH L H ↑ LL H HL X Q0 Q0 H = High Voltage Level, L = Low Voltage Level, X = Don’t Care, ↑ = Transition from Low to High Level, Q0 = Level Before the Indicated Steady-State Input Conditions Were Established. CP D R 2 Q0 9 4 D0 CP Q Q 3 Q0 MR 1 CP D R 7 Q1 5 D1 Q Q 6 Q1 CP D R 10 Q2 12 D2 Q Q 11 Q2 CP D R 15 Q3 13 D3 Q Q 14 Q3 CL p n CL Dn MR CP 1 9 4 (5, 12, 13) D CL CL CL CL TO OTHER THREE F/F TO OTHER THREE F/F R Qn 2( 7, 10, 15) CP CL p n CL p n CL CL p n 816 VCC ONE OF FOUR F/F Qn GND 3( 6, 11, 14) CD54HC175, CD74HC175, CD54HCT175, CD74HCT175 |
Numéro de pièce similaire - CD74HC175 |
|
Description similaire - CD74HC175 |