Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD54HCT175 Datasheet(Fiches technique) 1 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce CD54HCT175
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

CD54HCT175 Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS160C
Features
• Common Clock and Asynchronous Reset on Four
D-Type Flip-Flops
• Positive Edge Pulse Triggering
• Complementary Outputs
• Buffered Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC175 and ’HCT175 are high speed Quad D-type Flip-
Flops with individual D-inputs and Q, Q complementary
outputs. The devices are fabricated using silicon gate CMOS
technology.
They
have
the
low
power
consumption
advantage of standard CMOS ICs and the ability to drive 10
LSTTL devices.
Information at the D input is transferred to the Q, Q outputs on
the positive going edge of the clock pulse. All four Flip-Flops
are controlled by a common clock (CP) and a common reset
(MR). Resetting is accomplished by a low voltage level
independent of the clock. All four Q outputs are reset to a
logic 0 and all four Q outputs to a logic 1.
Pinout
CD54HC175, CD54HCT175
(CERDIP)
CD74HC175, CD74HCT175
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC175F3A
-55 to 125
16 Ld CERDIP
CD54HCT175F3A
-55 to 125
16 Ld CERDIP
CD74HC175E
-55 to 125
16 Ld PDIP
CD74HC175M
-55 to 125
16 Ld SOIC
CD74HC175MT
-55 to 125
16 Ld SOIC
CD74HC175M96
-55 to 125
16 Ld SOIC
CD74HCT175E
-55 to 125
16 Ld PDIP
CD74HCT175M
-55 to 125
16 Ld SOIC
CD74HCT175MT
-55 to 125
16 Ld SOIC
CD74HCT175M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
MR
Q0
Q0
D0
D1
Q1
GND
VCC
Q3
Q3
D3
D2
Q2
Q2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CP
Q1
August 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC175, CD74HC175,
CD54HCT175, CD74HCT175
High-Speed CMOS Logic
Quad D-Type Flip-Flop with Reset
[ /Title
(CD74
HC175
,
CD74
HCT17
5)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
D-
Type
Flip-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn