Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD54HCT175 Datasheet(Fiches technique) 5 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce CD54HCT175
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT175 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HCT175 Datenblatt HTML 1Page - Texas Instruments CD54HCT175 Datenblatt HTML 2Page - Texas Instruments CD54HCT175 Datenblatt HTML 3Page - Texas Instruments CD54HCT175 Datenblatt HTML 4Page - Texas Instruments CD54HCT175 Datasheet HTML 5Page - Texas Instruments CD54HCT175 Datenblatt HTML 6Page - Texas Instruments CD54HCT175 Datenblatt HTML 7Page - Texas Instruments CD54HCT175 Datenblatt HTML 8Page - Texas Instruments CD54HCT175 Datenblatt HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Setup Time, Data to Clock
tSU
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Hold Time, Data to Clock
tH
-2
5
-
-
5
-
5
-
ns
4.5
5
-
-
5
-
5
-
ns
6
5
-
-
5-5-
ns
Removal Time, MR to Clock
tREM
-2
5
-
-
5
-
5
-
ns
4.5
5
-
-
5
-
5
-
ns
6
5
-
-
5-5-
ns
Clock Frequency
fMAX
-
2
6
-
-
5
-
4
-
MHz
4.5
30
-
-
25
-
20
-
MHz
6
35
-
-
29
-
23
-
MHz
HCT TYPES
Clock Pulse Width
tw
-
4.5
20
-
-
25
-
30
-
ns
MR Pulse Width
tw
-
4.5
20
-
-
25
-
30
-
ns
Setup Time Data to Clock
tSU
-
4.5
20
-
-
25
-
30
-
ns
Hold Time Data to Clock
tH
-
4.5
5
-
-
5
-
5
-
ns
Removal Time MR to Clock
tREM
-
4.5
5
-
-
5
-
5
-
ns
Clock Frequency
fMAX
-
4.5
25
-
-
20
-
16
-
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay, Clock to
Q or Q
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
6
-
30
37
45
ns
CL = 15pF
5
14
-
-
-
ns
Propagation Delay,
MR to Q or Q
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
6
-
30
37
45
ns
CL = 15pF
5
14
-
-
-
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
2
-
75
95
110
ns
4.5
-
15
19
22
ns
6
-
13
16
19
ns
Input Capacitance
CIN
--
-
10
10
10
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
65
-
-
-
pF
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC175, CD74HC175, CD54HCT175, CD74HCT175


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn