Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP1501A Fiches technique(PDF) 2 Page - Anachip Corp

No de pièce AP1501A
Description  150Khz, 5A PWM Buck DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1501A Fiches technique(HTML) 2 Page - Anachip Corp

  AP1501A Datasheet HTML 1Page - Anachip Corp AP1501A Datasheet HTML 2Page - Anachip Corp AP1501A Datasheet HTML 3Page - Anachip Corp AP1501A Datasheet HTML 4Page - Anachip Corp AP1501A Datasheet HTML 5Page - Anachip Corp AP1501A Datasheet HTML 6Page - Anachip Corp AP1501A Datasheet HTML 7Page - Anachip Corp AP1501A Datasheet HTML 8Page - Anachip Corp AP1501A Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP1501A
150Khz, 5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.0.4 Feb 19, 2004
2/11
Ordering Information
Package
T5: TO220-5L
K5: TO263-5L
Output version
AP1501A XX X X X
Packing
Blank : Tube
A
: Taping
Blank : Adjustable
-33
: 3.3V
-50
: 5.0V
-12
: 12V
T5R: TO220-5L(R)
Lead Free
Blank : Normal
L : Lead Free Package
Block Diagram
Current
Source
bias
1.235V
Reference
2.5V
Regulator
150kHz
OSC.
Start
up
+
+
+
_
Thermal
Limit
Pre-driver
Comp
Comp
Gnd
Output
V
IN
SD
FB
220mV
200mV
5A
Switch
+
_
Amp
Comp
Freg.
Compensation


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP1509 150KHz 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1507 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1506 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1515 150KHz 1.5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1551 150KHz Dual Channel 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AX2596 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
AX3203 150KHz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
TD1507 2.5A 150KHZ PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
RT9223 5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
EN5310 1A Voltage Mode Synchronous Buck PWM DC-DC Converter 1  2  3  4  5  More Enpirion, Inc.