Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD12400JWS Datasheet(Fiches technique) 6 Page - Analog Devices

Numéro de pièce AD12400JWS
Description  12-Bit 400 MSPS A/D Converter
Télécharger  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD12400JWS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD12400JWS Datenblatt HTML 2Page - Analog Devices AD12400JWS Datenblatt HTML 3Page - Analog Devices AD12400JWS Datenblatt HTML 4Page - Analog Devices AD12400JWS Datenblatt HTML 5Page - Analog Devices AD12400JWS Datasheet HTML 6Page - Analog Devices AD12400JWS Datenblatt HTML 7Page - Analog Devices AD12400JWS Datenblatt HTML 8Page - Analog Devices AD12400JWS Datenblatt HTML 9Page - Analog Devices AD12400JWS Datenblatt HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD12400
Rev. 0 | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Value
VA to AGND
5 V
VC to DGND
4 V
VD to DGND
1.65 V
Analog Input Voltage
6 V (DC)
Analog Input Power
18 dBm (AC)
Encode Input Voltage
6 V (DC)
Encode Input Power
12 dBm (AC)
Logic Inputs and Outputs to DGND
5 V
Storage Temperature Range, Ambient
−65°C to +150°C
Operating Temperature
0°C to 60°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn