Moteur de recherche de fiches techniques de composants électroniques |
|
AD5662BRJ-2 Fiches technique(PDF) 3 Page - Analog Devices |
|
AD5662BRJ-2 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 20 page Preliminary Technical Data AD5662 Rev. PrA | Page 3 of 20 SPECIFICATIONS VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREF = VDD: all specifications TMIN to TMAX, unless otherwise noted. Table 1. A Grade B Grade B Version1 Parameter Min Typ Max Min Typ Max Unit Conditions/Comments STATIC PERFORMANCE2 Resolution 16 16 Bits Relative Accuracy ±32 ±16 LSB See Figure 4. Differential Nonlinearity ±1 ±1 LSB Guaranteed monotonic by design. See Figure 5. Zero Code Error 1 5 1 5 mV All 0s loaded to DAC register. See Figure 8. Full-Scale Error −0.15 −1.25 −0.15 −1.25 % FSR All 1s loaded to DAC register. See Figure 8. Offset Error ±10 ±10 mV Gain Error ±1.25 ±1.25 % FSR Zero Code Error Drift3 ±2 ±2 µV/°C Gain Temperature Coefficient3 ±2.5 ±2.5 ppm Of FSR/°C DC Power Supply Rejection Ratio -100 -100 dB DAC code = midscale; VDD = 5V/3V ±10% OUTPUT CHARACTERISTICS3 Output Voltage Range 0 VDD 0 VDD V Output Voltage Settling Time 8 10 8 10 µs ¼ to ¾ scale; RL = 2 kΩ; 0 pF < CL < 200 pF. See Figure 18. µs 1 LSB Settling Slew Rate 1.5 1.5 V/µs ¼ to ¾ scale Capacitive Load Stability 2 2 nF RL = ∞ 10 10 nF RL = 2 kΩ Output Noise Spectral Density 80 80 nV/√Hz DAC code = midscale,10 kHz Output Noise (0.1 Hz to 10 Hz) 10 10 µVp-p DAC code = midscale THD, Total Harmonic Distortion -80 -80 dB VREF = 2 V ± 300 mV p-p, f = 5 kHz Digital-to-Analog Glitch Impulse 5 5 nV-s 1 LSB change around major carry. See Figure 21. Digital Feedthrough 0.1 0.1 nV-s DC Output Impedance 0.5 0.5 Ω Short-Circuit Current4 30 30 mA VDD = 5 V, 3 V Power-Up Time 4 4 µs Coming out of power-down mode. VDD = 5 V 10 10 µs VDD = 3 V REFERENCE INPUTS Reference Current 35 45 35 45 µA VREF = VDD = 5 V 20 30 20 30 µA VREF = VDD = 3.6 V Reference Input Range 0 VDD 0 VDD V Reference Input Impedance 150 150 kΩ LOGIC INPUTS3 Input Current ±1 ±1 µA VINL, Input Low Voltage 0.8 0.8 V VDD = 5 V, 3 V VINH, Input High Voltage 2 2 V VDD = 5 V, 3 V Pin Capacitance 3 3 pF |
Numéro de pièce similaire - AD5662BRJ-2 |
|
Description similaire - AD5662BRJ-2 |