Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3956-48 Fiches technique(PDF) 3 Page - Pasternack Enterprises, Inc.

No de pièce PE3956-48
Description  SMA Male to SMA Female Bulkhead Cable 48 Inch Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3956-48 Fiches technique(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3956-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3956-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3956-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3956-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3956
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3956-12 = 12 inches long cable
PE3956-100cm = 100 cm long cable
SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG58 Coax from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG58 Coax PE3956-48
URL: https://www.pasternack.com/sma-male-sma-female-rg58cu-cable-assembly-pe3956-48-p.aspx
PE3956-48 REV 1.1
RF Cable Assemblies Technical Data Sheet
SMA Male to SMA Female Bulkhead Cable
48 Inch Length Using RG58 Coax
PE3956-48


Numéro de pièce similaire - PE3956-48

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3956-12 PASTERNACK-PE3956-12 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3956-18 PASTERNACK-PE3956-18 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 18 Inch Length
PE3956-24 PASTERNACK-PE3956-24 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3956-36 PASTERNACK-PE3956-36 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 36 Inch Length
PE3956-6 PASTERNACK-PE3956-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length
More results

Description similaire - PE3956-48

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3835-48 PASTERNACK-PE3835-48 Datasheet
656Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length
PE3835LF-48 PASTERNACK-PE3835LF-48 Datasheet
662Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length
PE3825-48 PASTERNACK-PE3825-48 Datasheet
368Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length RF Cable
PE3825LF-48 PASTERNACK-PE3825LF-48 Datasheet
373Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length RF Cable
PE3836LF-48 PASTERNACK-PE3836LF-48 Datasheet
667Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 48 Inch Length
PE3836-48 PASTERNACK-PE3836-48 Datasheet
660Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 48 Inch Length
PE3832-48 PASTERNACK-PE3832-48 Datasheet
346Kb / 4P
   SMA Male to SMA Female Cable 48 Inch Length
PE3C2892-48 PASTERNACK-PE3C2892-48 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG402 Coax
PE3835-18 PASTERNACK-PE3835-18 Datasheet
654Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835LF-24 PASTERNACK-PE3835LF-24 Datasheet
660Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 24 Inch Length
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com