Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3C4490-6 Fiches technique(PDF) 4 Page - Pasternack Enterprises, Inc.

No de pièce PE3C4490-6
Description  RF Cable Assemblies Technical Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4490-6 Fiches technique(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C4490-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4490-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4490-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4490-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4490-6 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3C4490
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C4490-12 = 12 inches long cable
PE3C4490-100cm = 100 cm long cable
SSMC Plug Right Angle to TNC Male Cable 6 Inch Length Using PE-SR405FLJ Coax from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SSMC Plug Right Angle to TNC Male Cable 6 Inch Length Using PE-SR405FLJ Coax
PE3C4490-6
URL:
https://www.pasternack.com/ssmc-plug-tnc-male-pe-sr405flj-cable-assembly-pe3c4490-6-p.aspx
PE3C4490-6 REV 1.0
RF Cable Assemblies Technical Data Sheet
SSMC Plug Right Angle to TNC Male Cable
6 Inch Length Using PE-SR405FLJ Coax
PE3C4490-6


Numéro de pièce similaire - PE3C4490-6

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C4490-60 PASTERNACK-PE3C4490-60 Datasheet
477Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Description similaire - PE3C4490-6

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com