Moteur de recherche de fiches techniques de composants électroniques |
|
AD5060 Fiches technique(PDF) 2 Page - Analog Devices |
|
AD5060 Fiches technique(HTML) 2 Page - Analog Devices |
2 / 17 page AD5040/5060 Preliminary Technical Data Rev. PrC | Page 2 of 17 AD5040/AD5060—SPECIFICATIONS1 AD5040, VDD = 3.3V, Vref =3.0V. AD5060, VDD = 5.5V, Vref =4.096V, RL=5k, 200pF . TMIN to TMAX; unless otherwise noted. Parameter B Version1 Min Typ Max Unit Test Conditions/Comments STATIC PERFORMANCE AD5040/AD5060 Resolution 16 Bits Relative Accuracy ±1 LSB TUE 0.5 mV Differential Nonlinearity ±1 LSB Guaranteed Monotonic by Design. Offset 0.65 mV Zero Code Error 100 uV Gain Error 200 uV Offset Drift 6 µV/°C Gain Temperature Coefficient 2.5 ppm of FSR/°C OUTPUT CHARACTERISTICS Output Voltage Range 0 Vref -150mV V Output Voltage Settling Time 10 µs 1/4 to 3/4 to +/-1lsb Slew Rate 1 V/µs Capacitive Load Stability 470 pF RL= 1000 pF RL = 5K Output Noise Spectral Density 50 nV/ √Hz DAC code=TBD , 1kHz 50 nV/ √Hz DAC code=TBD , 10kHz Digital-to-Analog Glitch Impulse 5 nV-s 1LSBChangeAroundMajorCarry. Digital Feedthrough 0.5 nV-s DC Output Impedance 1 Ω REFERENCE INPUT/OUPUT Vref Input Range 2 VDD-100mV V Input Current 1 uA DC Input Impedance 1 m Ω LOGIC INPUTS Input Current ±1 µA VINL, Input Low Voltage 0.8 V VDD = +5 V VINH, Input High Voltage 1.8 V VDD = +5 V VINL, Input Low Voltage 0.6 V VDD = +3 V VINH, Input High Voltage 1.4 V VDD = +3 V Pin Capacitance 3 pF POWER REQUIREMENTS VDD 2.7 3.6 V AD5060 (3 Volt Option) IDD (Normal Mode) DAC Active and Excluding Load Current VDD = +2.7 V to +3.6 V 900 µA VIH = VDD and VIL = GND IDD (All Power-Down Modes) VDD 5.0 5.5 V AD5060 (5 Volt Option) IDD (Normal Mode) DAC Active and Excluding Load Current VDD = +5.0 V to +5.5 V 1.3 mA VIH = VDD and VIL = GND IDD (All Power-Down Modes) |
Numéro de pièce similaire - AD5060 |
|
Description similaire - AD5060 |