Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT9V023 Fiches technique(PDF) 37 Page - ON Semiconductor

No de pièce MT9V023
Description  1/3-Inch Wide?륷GA CMOS Digital Image Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V023 Fiches technique(HTML) 37 Page - ON Semiconductor

Back Button MT9V023_17 Datasheet HTML 33Page - ON Semiconductor MT9V023_17 Datasheet HTML 34Page - ON Semiconductor MT9V023_17 Datasheet HTML 35Page - ON Semiconductor MT9V023_17 Datasheet HTML 36Page - ON Semiconductor MT9V023_17 Datasheet HTML 37Page - ON Semiconductor MT9V023_17 Datasheet HTML 38Page - ON Semiconductor MT9V023_17 Datasheet HTML 39Page - ON Semiconductor MT9V023_17 Datasheet HTML 40Page - ON Semiconductor MT9V023_17 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
MT9V023
www.onsemi.com
37
Table 19. TWO-WIRE SERIAL BUS TIMING PARAMETERS (Test Conditions: 25°C, 26.67 MHz, and 3.3 V)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
fSCLK
Serial interface input clock
frequency
400
kHz
tSCLK
Serial Input clock period
2.5
μsec
SCLK duty cycle
40
50
60
%
tr_sclk
SCLK rise time
165
ns
tf_sclk
SCLK fall time
6
ns
tr_sdat
SDATA rise time
1.5 kW pull-up
180
ns
tf_sdat
SDATA fall time
9
ns
tSRTS
Start setup time
WRITE/READ
148
150
167
ns
tSRTH
Start hold time
WRITE/READ
36.9
36
37.6
ns
tSDSW
SDATA setup
WRITE
0
5
12
ns
tSDHW
SDATA hold
WRITE
1.3
36
37
ns
tASW
ACK setup time
WRITE
146
146
148
ns
tAHW
ACK hold time
WRITE
98.9
107
144
ns
tSTPS
Stop setup time
WRITE/READ
624
ns
tSTPH
Stop hold time
WRITE/READ
1.61
ns
tASR
ACK setup time
READ
192
228
229
ns
tAHR
ACK hold time
READ
247
284
287
ns
tSDSR
SDATA setup
READ
654
655
690
ns
tSDHR
SDATA hold
READ
560
595
596
ns
CIN_SI
Serial interface input pin
capacitance
3.5
pF
CLOAD_SD
SDATA max load capacitance
15
pF
RSD
SDATA external pull-up resistor
1.5


Numéro de pièce similaire - MT9V023_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9V023IA7XTC-DP ONSEMI-MT9V023IA7XTC-DP Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-DR ONSEMI-MT9V023IA7XTC-DR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-TP ONSEMI-MT9V023IA7XTC-TP Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-TR ONSEMI-MT9V023IA7XTC-TR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTM-DR ONSEMI-MT9V023IA7XTM-DR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results

Description similaire - MT9V023_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9V034 ONSEMI-MT9V034_17 Datasheet
500Kb / 43P
   1/3?륤nch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com