Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT9P401 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce MT9P401
Description  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P401 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button MT9P401_17 Datasheet HTML 5Page - ON Semiconductor MT9P401_17 Datasheet HTML 6Page - ON Semiconductor MT9P401_17 Datasheet HTML 7Page - ON Semiconductor MT9P401_17 Datasheet HTML 8Page - ON Semiconductor MT9P401_17 Datasheet HTML 9Page - ON Semiconductor MT9P401_17 Datasheet HTML 10Page - ON Semiconductor MT9P401_17 Datasheet HTML 11Page - ON Semiconductor MT9P401_17 Datasheet HTML 12Page - ON Semiconductor MT9P401_17 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
MT9P401
CONFIDENTIAL AND PROPRIETARY
NOT FOR PUBLIC RELEASE
www.onsemi.com
9
Figure 10. Frame Timing
LV
Column Readout
t ROW
W
Blanking Region
WDC
Active Image
Dark Rows
Frame Time
The pixel clock (PIXCLK) represents the time needed to
sample 1 pixel from the array, and is typically equal to 1
EXTCLK period. The sensor outputs data at the maximum
rate of 1 pixel per PIXCLK. One row time (tROW) is the
period from the first pixel output in a row to the first pixel
output in the next row. The row time and frame time are
defined by equations in Table 8.
Table 8. FRAME TIME
Parameters
Name
Equation
Default Timing at
EXTCLK = 96 MHz
fps
Frame Rate
1/tFRAME
14
tFRAME
Frame Time
(H + max(VB, VBMIN)) × tROW
71.66 ms
tROW
Row Time
2 × tPIXCLK × max(((W/2) + max(HB, HBMIN)),
(41 + 346 × (Row_Bin+1) + 99))
36.38 μs
tROW_Default
Row Time
2 × tPIXCLK × max(((W/2) + max(HB, HBMIN)),
(41 + 346 × (Row_Bin+1) + 99))
36.38 μs
tROW_HDTV
Row Time
2 × tPIXCLK × max(((W/2) + max(HB, HBMIN)),
(41 + 186 × (Row_Bin+1) + 99))
24.4 μs
W
Output Image Width
2 × ceil((Column_Size + 1) / (2 × (Column_Skip + 1)))
2592 PIXCLK
H
Output Image Height
2 × ceil((Row_Size + 1) / (2 × (Row_Skip + 1)))
1944 rows
SW
Shutter Width
max (1, (2 16 × Shutter_Width_Upper)
+ Shutter_Width_Lower)
1943 rows
HB
Horizontal Blanking
Horizontal_Blank + 1
1 PIXCLK
VB
Vertical Blanking
Vertical_Blank + 1
26 rows
HBMIN
Minimum Horizontal Blanking
346 × (Row_Bin + 1) + 64 + (WDC / 2)
450 PIXCLK
VBMIN
Minimum Vertical Blanking
max (8, SW − H) + 1
9 rows
tPIXCLK
Pixclk Period
1/fPIXCLK
10.42 ns


Numéro de pièce similaire - MT9P401_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9P401I12STC-DP ONSEMI-MT9P401I12STC-DP Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9P401I12STC-DR ONSEMI-MT9P401I12STC-DR Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
More results

Description similaire - MT9P401_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com