Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT9M131 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MT9M131
Description  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 Fiches technique(HTML) 1 Page - ON Semiconductor

  MT9M131_17 Datasheet HTML 1Page - ON Semiconductor MT9M131_17 Datasheet HTML 2Page - ON Semiconductor MT9M131_17 Datasheet HTML 3Page - ON Semiconductor MT9M131_17 Datasheet HTML 4Page - ON Semiconductor MT9M131_17 Datasheet HTML 5Page - ON Semiconductor MT9M131_17 Datasheet HTML 6Page - ON Semiconductor MT9M131_17 Datasheet HTML 7Page - ON Semiconductor MT9M131_17 Datasheet HTML 8Page - ON Semiconductor MT9M131_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2017 − Rev. 8
1
Publication Order Number:
MT9M131/D
MT9M131
MT9M131 1/3‐inch SOC
1.3Mp CMOS Digital
Image Sensor
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/3-inch (5:4)
Active Imager Size
4.6 mm (H)
× 3.7 mm (V),
5.9 mm Diagonal
Active Pixels
1280 (H)
× 1024 (V)
Pixel Size
3.6
× 3.6 mm
Color Filter Array
RGB Bayer Pattern
Shutter Type
Electronic Rolling Shutter (ERS)
Maximum Data Rate/Master Clock
27 MPS/54 MHz
Frame Rate
SXGA (1280
× 1024)
VGA (640
× 480)
15 fps at 54 MHz
30 fps at 54 MHz
Maximum Resolution at
60 fps/54 MHz Clock
640
× 512
ADC Resolution
10-bit, Dual On-chip
Responsivity
1.0 V/lux−sec (550 nm)
Dynamic Range
71 dB
SNRMAX
44 dB
Supply Voltage
I/O Digital
Core Digital
Analog
1.8–3.1 V
2.5–3.1 V
2.5–3.1 V
Power Consumption
170 mW SXGA at 15 fps
(54 MHz EXTCLK)
Operating Temperature
–30
°C to +70°C
Packaging
48-pin CLCC
Features
System-on-a-Chip (SOC) − Completely Integrated Camera System
Ultra-low Power, Cost Effective, Progressive Scan CMOS Image
Sensor
Superior Low-light Performance
On-chip Image Flow Processor (IFP) Performs Sophisticated
Processing:
Color Recovery and Correction
Sharpening, Gamma, Lens Shading Correction
On-the-Fly Defect Correction
Electronic Pan, Tilt, and Zoom
Automatic Features:
Auto Exposure (AE), Auto White Balance (AWB), Auto Black
Reference (ABR), Auto Flicker Avoidance, Auto Color Saturation,
Auto Defect Identification and Correction
Fully Automatic Xenon and LED-type Flash Support
www.onsemi.com
Features (Continued)
Fast Exposure Adaptation
Multiple Parameter Contexts
Easy and Fast Mode Switching
Camera Control Sequencer Automates:
Snapshots
Snapshots with Flash
Video Clips
Simple Two-wire Serial Programming
Interface
ITU−R BT.656 (YCbCr), 565RGB,
555RGB, or 444RGB Formats (Progressive
Scan)
Raw and Processed Bayer Formats
Output FIFO and Integer Clock Divider:
Uniform Pixel Clocking
Applications
Security
Biometrics
Videoconferencing
Toys
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
CLCC48 11.43 x 11.43
CASE 848AV


Numéro de pièce similaire - MT9M131_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com