Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB520N Fiches technique(PDF) 3 Page - SamHop Microelectronics Corp.

No de pièce STB520N
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB520N Fiches technique(HTML) 3 Page - SamHop Microelectronics Corp.

  STB520N Datasheet HTML 1Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 2Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 3Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 4Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 5Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 6Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 7Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.samhop.com.tw
3
Tj( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
Figure 4. On-Resistance Variation with Drain
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
and Gate Voltage
Current and Temperature
with Temperature
with Temperature
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
150
V DS =V GS
ID=250uA
0
25
50
75
100 125 150
1.3
1.2
1.1
1.0
0.9
0.8
0.7
100
75
50
25
0125
-50
-25
Jul,07,2016
STB520N
Ver 1.0
20
15
10
5
0
5
25
3
2
1
0
4
6
120
100
80
60
40
20
1
14
28
42
56
70
1
2.0
1.8
1.6
1.4
1.2
1.0
0.0
0
25
50
75
150
100
125
ID=250uA
6
VGS =5V
1
03
24
5
VGS =4V
0
20
50
60
70
TJ =125 C
-55 C
25 C
V GS =10V
40
30
10
VGS =10V
2.2
2.4
V GS =10V
ID=11A


Numéro de pièce similaire - STB520N

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
STB5200 SMC-STB5200 Datasheet
183Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB5200 SMCDIODE-STB5200 Datasheet
439Kb / 7P
   SCHOTTKY RECTIFIER
Rev. B
More results

Description similaire - STB520N

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com