Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC5505 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SC5505
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5505 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SC5505 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5505 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5505 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5505
2
SJD00287AED
Area of safe operation
Rth  t
10
100
0.1
1
10
Non repetitive pulse
TC
= 25°C
t = 1 s
t = 10 ms
t = 1 ms
t = 0.1 ms
Collector-emitter voltage V
CE (V)
0.001
100
0.01
1
0.1
10
1 000
0.01
0.1
1
10
100
Ta
= 25°C
(1) Without heat sink
(2) With a 10
× 10 × 2 mm Al heat sink
(1)
(2)
Time t (s)


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
XN0F256 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5845 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5788 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD2504 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
UP03390 Silicon NPN epitaxial planar type 1  2  3  4  5  Panasonic Semiconductor
XP01554 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD2051 Silicon NPN epitaxial planar type Darlington For low-frequency amplification 1  2  Panasonic Semiconductor
SUR503EF Epitaxial Planar Type NPN Silicon Transistor 1  2  3  AUK corp