Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7983BCPZ-RL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7983BCPZ-RL
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7983BCPZ-RL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7983BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7983BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7983BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7983BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7983BCPZ-RL Datasheet HTML 10Page - Analog Devices AD7983BCPZ-RL Datasheet HTML 11Page - Analog Devices AD7983BCPZ-RL Datasheet HTML 12Page - Analog Devices AD7983BCPZ-RL Datasheet HTML 13Page - Analog Devices AD7983BCPZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD7983
Rev. B | Page 9 of 24
–110
–120
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
–112
–114
–116
–118
Figure 12. THD vs. Temperature
–105
–130
2.5
5.5
REFERENCE VOLTAGE (V)
–110
–115
–120
–125
130
105
125
120
115
110
3.0
3.5
4.0
4.5
5.0
SFDR
THD
Figure 13. THD, SFDR vs. Reference Voltage
100
65
1000
FREQUENCY (kHz)
1
10
100
95
90
85
80
75
70
Figure 14. SINAD vs. Frequency
95
85
–55
125
TEMPERATURE (°C)
93
91
89
87
–35
–15
5
25
45
65
85
105
Figure 15. SNR vs. Temperature
100
80
2.5
5.5
REFERENCE VOLTAGE (V)
95
90
85
16
12
15
14
13
3.0
3.5
4.0
4.5
5.0
SNR
SINAD
ENOB
Figure 16. SNR, SINAD, and ENOB vs. Reference Voltage
–70
–120
1000
FREQUENCY (kHz)
1
10
100
–75
–80
–85
–90
–95
–100
–105
–110
–115
Figure 17. THD vs. Frequency


Numéro de pièce similaire - AD7983BCPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7983BRMZ AD-AD7983BRMZ Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983BRMZRL7 AD-AD7983BRMZRL7 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
More results

Description similaire - AD7983BCPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com