Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR60C-12500AZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AMEPR60C-12500AZ
Description  up to 5A | AC-DC / DC-DC | LED Driver / Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-12500AZ Fiches technique(HTML) 3 Page - AIMTEC

  AMEPR60C-12500AZ Datasheet HTML 1Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 2Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 3Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 4Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 7Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 8Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3.I
3 of 13
North America only
Dimensions
60.00
(2.36)
137.33
(5.41)
40.50
(1.59)
161.30
(6.35)
200.00
(8.00)
200.00
(8.00)
2.30
(0.09)
40.50
(1.59)
60.00
(2.36)
16.75
(0.66)
End View
Top View
Side View
32.00
(1.26)
Input/Output Wires are 18 AWG 20cm
Wire connection:
Temperature Graph
-40
-20
0
20
40
60
80
100
100
80
60
40
20
0
Free Air Convection
55 º C
Safe Operating Area
Ambient Temperature º C
85
Wire
Connection
Brown
AC L
Blue
AC N
Green
Ground
Red
+V output
Black
-V Output
Blue (Dimming)
+ Vs dimming
White (Dimming)
-Vs dimming


Numéro de pièce similaire - AMEPR60C-12500AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
826Kb / 14P
   Over Temperature Protection
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
More results

Description similaire - AMEPR60C-12500AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ Datasheet
689Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com