Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR60C-24250AZ Fiches technique(PDF) 7 Page - AIMTEC

No de pièce AMEPR60C-24250AZ
Description  up to 5A | AC-DC / DC-DC | LED Driver / Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-24250AZ Fiches technique(HTML) 7 Page - AIMTEC

Back Button AMEPR60C-24250AZ Datasheet HTML 3Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 4Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 7Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 8Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 9Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 10Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 11Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3.I
7 of 13
North America only
AMEPR60C-12500AZ
0
10
20
30
40
50
60
70
80
90
100
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
20
40
60
80
100
120
K(Ω)
(A)
Dimming-Resistance VS Output Current
6 10
20
30
40
50
60
70
80
90
95
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
20
40
60
80
100
120
(Duty %)
(A)
Dimming-PWM VS Output Current
0.00 1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00 (V)
(A)
Dimming- 0-10Vdc VS Output Current


Numéro de pièce similaire - AMEPR60C-24250AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
826Kb / 14P
   Over Temperature Protection
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
More results

Description similaire - AMEPR60C-24250AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ Datasheet
689Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com