Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE35154LF Fiches technique(PDF) 1 Page - Pasternack Enterprises, Inc.

No de pièce PE35154LF
Description  CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT (LEAD FREE)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35154LF Fiches technique(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35154LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMA FEMALE 2 HOLE PANEL MOUNT
PE-SR047FL
SMA FEMALE 2 HOLE PANEL MOUNT
PE35154LF-XX
CABLE ASSEMBLY, PE-SR047FL, SMA
FEMALE 2 HOLE PANEL MOUNT TO SMA
FEMALE 2 HOLE PANEL MOUNT (LEAD FREE)
50 OHM
50 OHM
50 OHM
SMA FEMALE
2 HOLE
PANEL MOUNT
SMA FEMALE
2 HOLE
PANEL MOUNT
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
020608
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Numéro de pièce similaire - PE35154LF

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE35154 PASTERNACK-PE35154 Datasheet
291Kb / 1P
   CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35154-12 PASTERNACK-PE35154-12 Datasheet
291Kb / 1P
   CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35154-24 PASTERNACK-PE35154-24 Datasheet
291Kb / 1P
   CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35154-36 PASTERNACK-PE35154-36 Datasheet
291Kb / 1P
   CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35154-48 PASTERNACK-PE35154-48 Datasheet
291Kb / 1P
   CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
More results

Description similaire - PE35154LF

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE35154 PASTERNACK-PE35154 Datasheet
291Kb / 1P
   CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35112LF PASTERNACK-PE35112LF Datasheet
237Kb / 1P
   CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 4 HOLE PANEL MOUNT TO SMA FEMALE 4 HOLE PANEL MOUNT (LEAD FREE)
PE35064LF PASTERNACK-PE35064LF Datasheet
301Kb / 1P
   CABLE ASSEMBLY, PE-047SR, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35064 PASTERNACK-PE35064 Datasheet
291Kb / 1P
   CABLE ASSEMBLY, PE-047SR, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35108LF PASTERNACK-PE35108LF Datasheet
301Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35108 PASTERNACK-PE35108 Datasheet
292Kb / 1P
   CABLE ASSEMBLY, PE-402FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35114LF PASTERNACK-PE35114LF Datasheet
237Kb / 1P
   CABLE ASSEMBLY, PE-SR405FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35114 PASTERNACK-PE35114 Datasheet
291Kb / 1P
   CABLE ASSEMBLY PE-SR405FL SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE33191LF PASTERNACK-PE33191LF Datasheet
300Kb / 1P
   CABLE ASSEMBLY RG405/U SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT (LEAD FREE)
PE3525LF PASTERNACK-PE3525LF Datasheet
301Kb / 1P
   CABLE ASSEMBLY RG402/U SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT(LEAD FREE)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com