Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TK2150 Fiches technique(PDF) 26 Page - Tripath Technology Inc.

No de pièce TK2150
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TK2150 Fiches technique(HTML) 26 Page - Tripath Technology Inc.

Back Button TK2150 Datasheet HTML 22Page - Tripath Technology Inc. TK2150 Datasheet HTML 23Page - Tripath Technology Inc. TK2150 Datasheet HTML 24Page - Tripath Technology Inc. TK2150 Datasheet HTML 25Page - Tripath Technology Inc. TK2150 Datasheet HTML 26Page - Tripath Technology Inc. TK2150 Datasheet HTML 27Page - Tripath Technology Inc. TK2150 Datasheet HTML 28Page - Tripath Technology Inc. TK2150 Datasheet HTML 29Page - Tripath Technology Inc. TK2150 Datasheet HTML 30Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
26
TK2150 – Rev. 1.0/12.02
The half-bridge power MOSFETs require a deadtime between when one transistor is turned off
and the other is turned on (break-before-make) in order to minimize shoot through currents. The
TC2001 has BBM0 and BBM1 that are logic inputs (connected to logic high or pulled down to
logic low) that control the break-before-make timing of the output transistors according to the
following table.
BBM1
BBM0
Delay
0
0
120 ns
0
1
80 ns
1
0
40 ns
1
1
0 ns
Table 1: BBM Delay
The tradeoff involved in making this setting is that as the delay is reduced, distortion levels
improve but shoot-through and power dissipation increase. All typical curves and performance
information were done with using the 40ns BBM setting. The actual amount of BBM required is
dependent upon other component values and circuit board layout, the value selected should be
verified in the actual application circuit/board.
It should also be verified under maximum
temperature and power conditions since shoot-through in the output MOSFETs can increase
under these conditions, possibly requiring a higher BBM setting than at room temperature.
Recommended MOSFETs
The following devices are capable of achieving full performance, both in terms of distortion and
efficiency, for the specified load impedance and voltage range.
Device Information – Recommended MOSFETs
Part Number
Manufacturer
BVDSS (V)
ID (A)
Qg (nC)
RDS(on) (Ω)
PD (W)
Package
IRF520N
International Rectifier
100
9.7
25(max.)
0.20 (max.)
48
TO220
FQP13N10
Fairchild Semiconductor
100
12.8
12
0.142
65
TO220
STP14NF10
ST Microelectronics
100
14
15.5
0.16
60
TO220
IRF530N
International Rectifier
100
17
37(max.)
0.09 (max.)
70
TO220
BUK7575-100A
Philips Semiconductor
100
23
25
0.064
99
TO220
STP24NF10
ST Microelectronics
100
26
30
0.055
85
TO220
Note: The devices are listed in ascending current capability not in order of recommendation.
The following information represents qualitative data from system development using the TK2150
and the associated MOSFETs. Recommendations such as maximum supply voltages and gate
resistor values are dependent on the PCB layout and component location. The gate resistor
values were chosen to achieve about 18-80mA of idle current from the VPP supply. This value of
supply current is a good compromise between low power efficiency and high frequency THD+N
performance. As shown in Table 2 below, increasing the gate resistor value will improve high
frequency THD+N performance at the expense of idle current draw. The BBM setting was 40nS
in all cases. It should be understood that different MOSFETs will have different characteristics
and will require some adjustment to the gate resistor to achieve the same idle current.


Numéro de pièce similaire - TK2150

FabricantNo de pièceFiches techniqueDescription
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Toshiba Semiconductor
TK210V65Z TOSHIBA-TK210V65Z Datasheet
462Kb / 10P
   MOSFETs Silicon N-Channel MOS
2020-10-16 Rev.2.0
logo
GREATECS
TK21S1A1B4T2AGEV GREATECS-TK21S1A1B4T2AGEV Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
TK21S1A1B4T2AUEV GREATECS-TK21S1A1B4T2AUEV Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
TK21S1A1B4T2GTEV GREATECS-TK21S1A1B4T2GTEV Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
More results

Description similaire - TK2150

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com