Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LT1969 Fiches technique(PDF) 20 Page - Linear Technology

No de pièce LT1969
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1969 Fiches technique(HTML) 20 Page - Linear Technology

Back Button LT1969 Datasheet HTML 12Page - Linear Technology LT1969 Datasheet HTML 13Page - Linear Technology LT1969 Datasheet HTML 14Page - Linear Technology LT1969 Datasheet HTML 15Page - Linear Technology LT1969 Datasheet HTML 16Page - Linear Technology LT1969 Datasheet HTML 17Page - Linear Technology LT1969 Datasheet HTML 18Page - Linear Technology LT1969 Datasheet HTML 19Page - Linear Technology LT1969 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1969
PART NUMBER
DESCRIPTION
COMMENTS
LT1207
Dual 250mA, 60MHz Current Feedback Amplifier
Shutdown/Current Set Function
LT1396
Dual 400MHz, 800V/
µs Current Feedback Amplifier
4.6mA Supply Current Set, 80mA IOUT
LT1497
Dual 125mA, 50MHz Current Feedback Amplifier
900V/
µs Slew Rate
LT1795
Dual 500mA, 50MHz Current Feedback Amplifier
Shutdown/Current Set Function, ADSL CO Driver
LT1886
Dual 700MHz, 200mA Op Amp
Gain of 10 Stable, Low Distortion
©LINEAR TECHNOLOGY CORPORATION 2001
1969f LT/TP 0301 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
Split Supply
±5V ADSL CPE Line Driver
TYPICAL APPLICATIO
+
6.19
2
1
5V
5
7
–5V –5V
1k
866
2k
0.47
µF**
BAV99**
–5V
5V
5V
–5V
2k
866
+
VIN
+
VL
*COILCRAFT X8390-A OR EQUIVALENT
**SEE TEXT REGARDING FAULT PROTECTION
6
13k
49.9k
–5V
6.19
1/2 LT1969
1/2 LT1969
1969 TA02
1k
100pF
1:2*
100
130
4
3
10
9
8
0.47
µF**
100pF
130
= 5
(ASSUME 0.5dB TRANSFORMER POWER LOSS)
REFLECTED LINE IMPEDANCE = 100
Ω / 22 = 25Ω
EFFECTIVE TERMINATION = 2 • 6.19 •
EACH AMPLIFIER: 0.56VRMS, 29.9mARMS
±3V PEAK, ±160mA PEAK
= 24.8
VL
VIN
2k
1k
BAV99**


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20