Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE2087 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE2087
Description  Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2087 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE2087 Datasheet HTML 1Page - NTE Electronics NTE2087 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = +25°C, VS = 5V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Leakage Current
ICEX
VCE = 80V
100
µA
VCE = 80V, TA = +70°C
500
µA
Collector–Emitter Saturation Voltage VCE(sat) IC = 500mA, VIN = 2.75V
1.1
V
IC = 750mA, VIN = 2.75V
1.2
V
IC = 1.0A, VIN = 2.75V
1.3
V
IC = 1.25A, VIN = 2.75V
1.4
V
IC = 1.5A, VIN = 2.75V
1.5
V
Input Current
IIN(ON)
VIN = 2.75V
550
µA
VIN = 3.75V
1000
µA
Input Voltage
VIN(ON) VCE = 2V, IC = 1.5A
2.75
V
Supply Current
IS
IC = 500mA, VIN = 2.75V
6.0
mA
Turn–On Delay
tPLH
0.5Ein to 0.5Eout
1.0
µs
Turn–Off Delay
tPHL
0.5Ein to 0.5Eout, IC = 1.25A
1.5
µs
Clamp Diode Leakage Current
IR
VR = 80V
50
µA
VR = 80V, TA = +70°C
100
µA
Clamp Diode Forward Voltage
VF
IF = 1.0A
1.75
V
IF = 1.5A
2.0
V
VS
Pin Connection Diagram
K
C
GND
B
GND
GND
C
GND
B
B
C
N.C.
1
2
3
4
K
C
5
6
B
7
8
16
15
14
13
12
11
10
9
.700 (17.78)
.100 (2.54)
18
16
9
.200 (5.08)
Max
.870 (22.0) Max
.260 (6.6)
Max
.099 (2.5) Min


Numéro de pièce similaire - NTE2087

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
   Integrated Circuit 5−Stage Darlington Transistor Array
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
More results

Description similaire - NTE2087

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
   Integrated Circuit 7-Stage Darlington Transistor Array
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
   Integrated Circuit 5-Stage Darlington Transistor Array
NTE2088 NTE-NTE2088 Datasheet
22Kb / 3P
   Integrated Circuit 4-Segment Darlington Array, w/Pre-Driver Stage for use with PMOS and 12V CMOS
NTE2077 NTE-NTE2077 Datasheet
78Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
   Integrated Circuit 5−Stage Darlington Transistor Array
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2075 NTE-NTE2075 Datasheet
21Kb / 2P
   Integrated Circuit 5-Stage Transistor Array w/Strobe
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com