Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71219 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS71219
Description  SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS71219 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS71219 Datasheet HTML 4Page - Texas Instruments TPS71219 Datasheet HTML 5Page - Texas Instruments TPS71219 Datasheet HTML 6Page - Texas Instruments TPS71219 Datasheet HTML 7Page - Texas Instruments TPS71219 Datasheet HTML 8Page - Texas Instruments TPS71219 Datasheet HTML 9Page - Texas Instruments TPS71219 Datasheet HTML 10Page - Texas Instruments TPS71219 Datasheet HTML 11Page - Texas Instruments TPS71219 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
2
3
4
5
6
7
1.8
VO = 3.3 V
VO = 5 V
VI − Input Voltage − V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
1.8 2.2 2.6 3
3.4 3.8 4.2 4.6 5
5.4 5.8 6.2 6.6 7
VI − Input Voltage − V
VO = 2.5 V
TPS61130
TPS61131
TPS61132
SLVS431A – JUNE 2002 – REVISED AUGUST 2003
TYPICAL CHARACTERISTICS
Table of Graphs
SEPIC Converter
Figure
Maximum output current
vs Input voltage (TPS61130) (VO = 3.3 V, 5.0V, 2.5V)
1, 2
vs Output current (TPS61130) (VO = 2.5 V, VI = 1.8 V)
3
vs Output current (TPS61132) (VO = 3.3 V, VI = 1.8 V, 3.8 V)
4
Efficiency
vs Output current (TPS61130) (VO = 5.0 V, VI = 3.6 V, 6.0 V)
5
vs Input voltage (TPS61132)
6
Output voltage
vs Output current (TPS61132)
7
No-load supply current into VBAT
vs Input voltage (TPS61132)
8
No-load supply current into VOUT
vs Input voltage (TPS61132)
9
Output voltage in continuous mode (TPS61132)
10
Output voltage in power save mode (TPS61132)
11
Waveforms
Load transient response (TPS61132)
12
Line transient response (TPS61132)
13
Start-up after enable (TPS61132)
14
LDO
vs Input voltage (VO = 2.5 V, 3.3 V)
15
Maximum output current
vs Input voltage (VO = 1.5 V, 1.8 V)
16
Output voltage
vs Output current (TPS61131)
17
Dropout voltage
vs Output current (TPS61131, TPS61132)
18
Supply current into LDOIN
vs LDOIN input voltage (TPS61132)
19
PSRR
vs Frequency (TPS61132)
20
Load transient response
21
Waveforms
Line transient response
22
Start-up after enable
23
TPS61130
TPS61130
MAXIMUM SEPIC CONVERTER OUTPUT CURRENT
MAXIMUM SEPIC CONVERTER OUTPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 1.
Figure 2.
8


Numéro de pièce similaire - TPS71219

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71219 TI-TPS71219 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71219 TI-TPS71219 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71219 TI1-TPS71219 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71219DRCR TI-TPS71219DRCR Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71219DRCR TI1-TPS71219DRCR Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Description similaire - TPS71219

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI1-TPS61130_15 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com