Moteur de recherche de fiches techniques de composants électroniques |
|
TPS71257 Fiches technique(PDF) 2 Page - Texas Instruments |
|
TPS71257 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 15 page www.ti.com ABSOLUTE MAXIMUM RATINGS POWER DISSIPATION RATINGS TPS71202, TPS71219 TPS71229, TPS71247 TPS71256, TPS71257 SBVS049B – MAY 2004 – REVISED MARCH 2005 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) VOLTAGE (TJ) PACKAGE- SPECIFIED LEAD TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT VOUT1 VOUT2 (DESIGNATOR) RANGE (TJ) MARKING NUMBER MEDIA, QUANTITY TPS71202DRCT Tape and Reel, 250 TPS71202 Adjustable Adjustable SON-10 (DRC) -40°C to +125°C ARQ TPS71202DRCR Tape and Reel, 3000 TPS71219DRCT Tape and Reel, 250 TPS71219 1.8 V Adjustable SON-10 (DRC) -40°C to +125°C ARW TPS71219DRCR Tape and Reel, 3000 TPS71229DRCT Tape and Reel, 250 TPS71229 2.8 V Adjustable SON-10 (DRC) -40°C to +125°C ARU TPS71229DRCR Tape and Reel, 3000 TPS71247DRCT Tape and Reel, 250 TPS71247 1.8 V 2.85 V SON-10 (DRC) -40°C to +125°C ARS TPS71247DRCR Tape and Reel, 3000 TPS71256DRCT Tape and Reel, 250 TPS71256 2.8 V 2.8 V SON-10 (DRC) -40°C to +125°C ARV TPS71256DRCR Tape and Reel, 3000 TPS71257DRCT Tape and Reel, 250 TPS71257 2.85 V 2.85 V SON-10 (DRC) -40°C to +125°C ART TPS71257DRCR Tape and Reel, 3000 (1) For the most current package and ordering information, see the Package Ordering Addendum located at the end of this data sheet. over operating junction temperature range unless otherwise noted(1) TPS712xx UNIT VIN range -0.3 to 6.0 V VEN1, VEN2 range -0.3 to VIN + 0.3 V VOUT range -0.3 to 6.0 V Peak output current Internally limited Output short-circuit duration Indefinite Continuous total power dissipation See Dissipation Ratings Table Junction temperature range, TJ -40 to +150 °C Storage temperature range -65 to +150 °C ESD rating, HBM 2 kV ESD rating, CDM 500 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. DERATING FACTOR TA ≤ 25°C TA = 70°C TA = 85°C BOARD PACKAGE RθJC RθJA ABOVE TA = 25°C POWER RATING POWER RATING POWER RATING High-K(1) DRC 48 52 19 mW/°C 1.92 W 1.06 W 0.77 W (1) The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1-ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board. 2 |
Numéro de pièce similaire - TPS71257 |
|
Description similaire - TPS71257 |