Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27953TLX Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM27953TLX
Description  White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27953TLX Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM27953TLX Datasheet HTML 1Page - National Semiconductor (TI) LM27953TLX Datasheet HTML 2Page - National Semiconductor (TI) LM27953TLX Datasheet HTML 3Page - National Semiconductor (TI) LM27953TLX Datasheet HTML 4Page - National Semiconductor (TI) LM27953TLX Datasheet HTML 5Page - National Semiconductor (TI) LM27953TLX Datasheet HTML 6Page - National Semiconductor (TI) LM27953TLX Datasheet HTML 7Page - National Semiconductor (TI) LM27953TLX Datasheet HTML 8Page - National Semiconductor (TI) LM27953TLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN pin voltage
-0.3V to 7.1V
EN pin voltages
-0.3V to (V
IN+0.3V)
w/ 6.0V max
I
Dx Pin Voltages
-0.3V to
(V
POUT+0.3V)
w/ 6.0V max
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
150oC
Storage Temperature Range
-65oC to +150o C
Maximum Lead Temperature
(Soldering, 10 sec.)
265oC
ESD Rating (Note 4)
Human Body Model - I
Dx Pins:
Human Body Model - All other Pins:
Machine Model - I
Dx Pins:
Machine Model - All Other Pins:
1.0kV
2.0kV
100V
200V
Operating Rating (Notes 1, 2)
Input Voltage Range
2.7V to 5.5V
Junction Temperature (T
J) Range
-30˚C to +125˚C
Ambient Temperature (T
A) Range
(Note 5)
-30˚C to +85˚C
Thermal Properties
Juntion-to-Ambient Thermal
Resistance (
θ
JA), (Note 6)
100˚C/W
Electrical Characteristics (Notes 2, 7)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 3.6V; VDx = 0.6V; EN = 1.5V; RSET = 8.35k
Ω;C
IN,C1,C2 , and CPOUT = 1µF. (Note 8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Dx
Output Current Regulation
3.0V
≤ V
IN
≤ 4.2V, and V
IN = 5.5V
0.45V
≤ V
Dx
≤ 3.8V
R
SET = 8.35k
13.5
(-10%)
15
16.5
(+10%)
mA
(%)
3.0V
≤ V
IN
≤ 5.5V;
0.6V
≤ V
Dx
≤ 3.8V
R
SET = 6.25k
20
mA
3.0V
≤ V
IN
≤ 5.5V;
0.3V
≤ V
Dx
≤ 3.8V
R
SET = 12.5k
10
mA
2.7V
≤ V
IN
≤ 3.0V;
0.45V
≤ V
Dx
≤ 3.8V
R
SET = 8.35k
15
mA
I
Dx-MATCH
Current Matching Between
Outputs
V
IN = 3.0V (Note 9)
0.6
%
I
Q
Quiescent Supply Current
2.7V
≤ V
IN
≤ 4.2V;
No Load Current,
EN=ON
4.4
6.75
mA
I
SD
Shutdown Supply Current
2.7V
≤ V
IN
≤ 5.5V,
ENA OFF
2.3
5
µA
V
SET
I
SET Pin Voltage
2.7V
≤ V
IN
≤ 5.5V
1.25
V
I
Dx/ISET
Output Current to Current Set
Ratio
100
R
OUT
Charge Pump Output Resistance
(Note 10)
V
IN = 3.0V
2.7
V
HR
Current Source Headroom
Voltage Requirement (Note 11)
I
Dx =95%XIDx (nom)
R
SET = 8.35k
(I
Dx (nom)
≈ 15mA)
320
mV
f
SW
Switching Frequency
3.0V
≤ V
IN
≤ 4.2V
375
500
625
kHz
www.national.com
3


Numéro de pièce similaire - LM27953TLX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2795 TI1-LM2795 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2795 TI1-LM2795 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951 TI1-LM27951 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

Description similaire - LM27953TLX

FabricantNo de pièceFiches techniqueDescription
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796_16 Datasheet
782Kb / 16P
[Old version datasheet]   LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com