Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7191BRUZ-REEL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7191BRUZ-REEL
Description  Sigma-Delta ADC for Bridge Sensors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7191BRUZ-REEL Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7191BRUZ-REEL Datasheet HTML 3Page - Analog Devices AD7191BRUZ-REEL Datasheet HTML 4Page - Analog Devices AD7191BRUZ-REEL Datasheet HTML 5Page - Analog Devices AD7191BRUZ-REEL Datasheet HTML 6Page - Analog Devices AD7191BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7191BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7191BRUZ-REEL Datasheet HTML 9Page - Analog Devices AD7191BRUZ-REEL Datasheet HTML 10Page - Analog Devices AD7191BRUZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD7191
Rev. A | Page 6 of 20
TIMING CHARACTERISTICS
AVDD = 3 V to 5.25 V; DVDD = 2.7 V to 5.25 V; AGND = DGND = 0 V, Input Logic 0 = 0 V, Input Logic 1 = DVDD, unless otherwise noted.
Table 2.
Parameter1, 2
Limit at TMIN, TMAX (B Version)
Unit
Conditions/Comments
t3
100
ns min
SCLK high pulse width
t4
100
ns min
SCLK low pulse width
Read Operation
t1
0
ns min
PDOWN falling edge to DOUT/RDY active time
60
ns max
DVDD = 4.75 V to 5.25 V
80
ns max
DVDD = 2.7 V to 3.6 V
t23
0
ns min
SCLK active edge to data valid delay4
60
ns max
DVDD = 4.75 V to 5.25 V
80
ns max
DVDD = 2.7 V to 3.6 V
t55, 6
10
ns min
Bus relinquish time after PDOWN inactive edge
80
ns max
t6
0
ns min
SCLK inactive edge to PDOWN inactive edge
t7
10
ns min
SCLK inactive edge to DOUT/RDY high
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.6 V.
2 See Figure 3.
3 These numbers are measured with the load circuit shown in Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
4 The SCLK active edge is the falling edge of SCLK.
5 These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit shown in Figure 2. The measured number
is then extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the
true bus relinquish times of the part and, as such, are independent of external bus loading capacitances.
6
RDY returns high after a read of the ADC. The digital word can be read only once.
ISINK (1.6mA WITH DVDD = 5V,
100µA WITH DVDD = 3V)
ISOURCE (200µA WITH DVDD = 5V,
100µA WITH DVDD = 3V)
1.6V
TO
OUTPUT
PIN
50pF
Figure 2. Load Circuit for Timing Characterization
TIMING DIAGRAM
t1
t3
t2
t7
t6
t5
t4
PDOWN (I)
NOTES
1. I = INPUT, O = OUTPUT
DOUT/RDY (O)
SCLK (I)
Figure 3. Read Cycle Timing Diagram


Numéro de pièce similaire - AD7191BRUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7191BRUZ-REEL AD-AD7191BRUZ-REEL Datasheet
381Kb / 20P
   Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
More results

Description similaire - AD7191BRUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7796 AD-AD7796 Datasheet
552Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
REV. A
AD7191 AD-AD7191 Datasheet
381Kb / 20P
   Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
Texas Instruments
ADS1235 TI1-ADS1235 Datasheet
1Mb / 76P
[Old version datasheet]   Precision, 3-Channel, Differential-Input, 7200-SPS, 24-Bit Delta-Sigma ADC for Bridge Sensors
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com