Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7191BRUZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7191BRUZ
Description  Sigma-Delta ADC for Bridge Sensors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7191BRUZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7191BRUZ Datasheet HTML 4Page - Analog Devices AD7191BRUZ Datasheet HTML 5Page - Analog Devices AD7191BRUZ Datasheet HTML 6Page - Analog Devices AD7191BRUZ Datasheet HTML 7Page - Analog Devices AD7191BRUZ Datasheet HTML 8Page - Analog Devices AD7191BRUZ Datasheet HTML 9Page - Analog Devices AD7191BRUZ Datasheet HTML 10Page - Analog Devices AD7191BRUZ Datasheet HTML 11Page - Analog Devices AD7191BRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD7191
Rev. A | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to AGND
−0.3 V to +6.5 V
DVDD to DGND
−0.3 V to +6.5 V
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Reference Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to DVDD + 0.3 V
AIN/Digital Input Current
10 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
TSSOP
θJA Thermal Impedance
128°C/W
θJC Thermal Impedance
42°C/W
Lead Temperature, Soldering
Reflow
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD7191BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7191BRUZ AD-AD7191BRUZ Datasheet
381Kb / 20P
   Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7191BRUZ-REEL AD-AD7191BRUZ-REEL Datasheet
381Kb / 20P
   Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
More results

Description similaire - AD7191BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7796 AD-AD7796 Datasheet
552Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
REV. A
AD7191 AD-AD7191 Datasheet
381Kb / 20P
   Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
Texas Instruments
ADS1235 TI1-ADS1235 Datasheet
1Mb / 76P
[Old version datasheet]   Precision, 3-Channel, Differential-Input, 7200-SPS, 24-Bit Delta-Sigma ADC for Bridge Sensors
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com