Moteur de recherche de fiches techniques de composants électroniques |
|
AD7171BCPZ-500RL7 Fiches technique(PDF) 10 Page - Analog Devices |
|
AD7171BCPZ-500RL7 Fiches technique(HTML) 10 Page - Analog Devices |
10 / 17 page Data Sheet AD7171 Rev. C | Page 9 of 16 OUTPUT NOISE AND RESOLUTION SPECIFICATIONS Table 7 shows the rms noise of the AD7171. The numbers given are for a 5 V and a 3 V reference. These numbers are typical and are generated with a differential input voltage of 0 V. The corresponding p-p resolution is also listed along with the effective resolution (ENOB). Note that the effective resolution is calculated using the rms noise, whereas the p-p resolution is based on the p-p noise. The p-p resolution represents the resolution for which there is no code flicker. These numbers are typical. The effective number of bits (ENOB) is defined as ENOB = ln(FSR/RMS noise)/ln(2) The noise-free bits, or p-p resolution, are defined as Noise-Free Bits = ln(FSR/Peak-to-Peak Noise)/ln(2) where FSR is the full-scale range and is equal to 2 × VREF/gain. Table 7. RMS Noise and Resolution of the AD7171 VREF = VDD RMS Noise P-P Noise P-P Resolution ENOB 5 V 11.5 μV 76 μV 16 bits 16 bits 3 V 6.9 μV 45 μV 16 bits 16 bits |
Numéro de pièce similaire - AD7171BCPZ-500RL7 |
|
Description similaire - AD7171BCPZ-500RL7 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |