Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7171 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7171
Description  16-Bit, Low Power, Sigma-Delta ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7171 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7171 Datasheet HTML 5Page - Analog Devices AD7171 Datasheet HTML 6Page - Analog Devices AD7171 Datasheet HTML 7Page - Analog Devices AD7171 Datasheet HTML 8Page - Analog Devices AD7171 Datasheet HTML 9Page - Analog Devices AD7171 Datasheet HTML 10Page - Analog Devices AD7171 Datasheet HTML 11Page - Analog Devices AD7171 Datasheet HTML 12Page - Analog Devices AD7171 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AD7171
Data Sheet
Rev. C | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
10
8
6
4
2
0
–40
–10
20
50
80
110
TEMPERATURE (°C)
VREF = VDD = 3V
VREF = VDD = 5V
Figure 6. AD7171 RMS Noise vs. Temperature
0.266
–0.200
–0.133
–0.066
0
0.066
0.133
0.200
–3
3
2
1
0
–1
–2
VIN (V)
Figure 7. Integral Nonlinearity (VREF = VDD)
180
120
140
160
–40
–10
20
50
80
110
TEMPERATURE (°C)
Figure 8. Offset vs. Temperature
0.025
0.015
0.017
0.021
0.019
0.023
–40
–10
20
50
80
110
TEMPERATURE (°C)
Figure 9. Gain Error vs. Temperature
140
132
124
116
108
100
–40
–10
20
50
80
110
TEMPERATURE (°C)
VREF = VDD = 3V
VREF = VDD = 5V
Figure 10. Power Supply Current vs. Temperature
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–10
20
50
80
110
TEMPERATURE (°C)
VREF = VDD = 3V
VREF = VDD = 5V
Figure 11. Power-Down Current vs. Temperature


Numéro de pièce similaire - AD7171

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
153Kb / 5P
   Low Cost, Level Shifted Low Side Current Monitor for Negative High Voltage Rails
REV. B
AD7171BCPZ-500RL7 AD-AD7171BCPZ-500RL7 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171BCPZ-REEL7 AD-AD7171BCPZ-REEL7 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Description similaire - AD7171

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com