Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADVFC32SH Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADVFC32SH
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADVFC32SH Fiches technique(HTML) 3 Page - Analog Devices

  ADVFC32SH Datasheet HTML 1Page - Analog Devices ADVFC32SH Datasheet HTML 2Page - Analog Devices ADVFC32SH Datasheet HTML 3Page - Analog Devices ADVFC32SH Datasheet HTML 4Page - Analog Devices ADVFC32SH Datasheet HTML 5Page - Analog Devices ADVFC32SH Datasheet HTML 6Page - Analog Devices ADVFC32SH Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
REV. B
–2–
ADVFC32–SPECIFICATIONS (typical @ 25 C with V
S =
15 V unless otherwise noted.)
ADVFC32K
ADVFC32B
ADVFC32S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Full-Scale Frequency Range
0
500
0
500
0
500
kHz
Nonlinearity
1
fMAX = 10 kHz
–0.01
±0.01
–0.01
+0.01
–0.01
+0.01
%
fMAX = 100 kHz
–0.05
+0.05
–0.05
+0.05
–0.05
+0.05
%
fMAX = 0.5 MHz
–0.20
±0.05
+0.20
–0.20
±0.05
+0.20
–0.20
±0.05
+0.20
%
Full-Scale Calibration Error
(Adjustable to Zero)
±5
±5
±5%
vs. Supply
(Full-Scale Frequency = 100 kHz)
–0.015
+0.015
–0.015
+0.015
–0.015
+0.015
% of FSR%
vs. Temperature
(Full-Scale Frequency = 10 kHz)
±75
–100
+100
+150
+150
ppm/
°C
DYNAMIC RESPONSE
Maximum Settling Time for Full Scale
Step Input
1 Pulse of New Frequency Plus 1
µs
1 Pulse of New Frequency Plus 1
µs
1 Pulse of New Frequency Plus 1
µs
Overload Recovery Time
1 Pulse of New Frequency Plus 1
µs
1 Pulse of New Frequency Plus 1
µs
1 Pulse of New Frequency Plus 1
µs
ANALOG INPUT AMPLIFIER
(V/F Conversion)
Current Input Range
0
0.25
0
0.25
0
0.25
mA
Voltage Input Range
0
–10
0
–10
0
–10
V
2
0.25
0.25
0.25
mA
× R
IN
3
× R
IN
3
× R
IN
3
Differential Impedance
300 k
Ω||10 pF
2 M
Ω||10 pF
300 k
Ω||10 pF 2 MΩ||10 pF
300 k
Ω||10 pF 2 MΩ||10 pF
Common-Mode Impedance
300 M
Ω||3 pF 750 MΩ||3 pF
300 M
Ω||3 pF 750 MΩ||10 pF
300 M
Ω||3 pF 750 MΩ||10 pF
Input Bias Current
Noninverting Input
40
250
40
250
40
250
nA
Inverting Input
–100
±8
+100
–100
±8
+100
–100
±8
+100
nA
Input Offset Voltage
(Trimmable to Zero)
2, 3
44
4
mV
vs. Temperature (TMIN to TMAX)30
30
30
µV/°C
Safe Input Voltage
±V
S
±V
S
±V
S
COMPARATOR (F/V Conversion)
Logic “0” Level
–VS
–0.6
–VS
–0.6
–VS
–0.6
V
Logic “1” Level
1
+VS
1+VS
1+VS
V
Pulse Width Range
4
0.1
0.15/fMAX
0.1
0.15/fMAX
0.1
0.15/fMAX
µs
Input Impedance
50 k
Ω||10 pF
250 k
50 k
Ω||10 pF
250 k
50 k
Ω||10 pF
250 k
OPEN COLLECTOR OUTPUT
(V/F Conversion)
Output Voltage in Logic “0”
ISINK = 8 mA
0.4
0.4
0.4
V
Output Leakage Current in Logic “1”
11
1
µA
Voltage Range
0
30
0
30
0
30
V
Fall Times (Load = 500 pF and
ISINK = 5 mA)
400
400
400
ns
AMPLIFIER OUTPUT (F/V Conversion)
Voltage Range (0 mA
≤I
O
≤7 mA)
0
10
0
10
0
10
V
Source Current (0
≤V
O
≤7 V)
10
10
10
mA
Capacitive Load (Without Oscillation)
100
100
100
pF
Closed Loop Output Impedance
1
1
1
POWER SUPPLY
Rated Voltage
±15
±15
±15
V
Voltage Range
±9
±18
±9
±18
±9
±18
V
Quiescent Current
6
8
6
8
6
8
mA
TEMPERATURE RANGE
Specified Range
0
+70
–25
+85
–55
+125
°C
Operating Range
–25
+85
–55
+125
–55
+125
°C
Storage
–25
+85
–65
+150
–65
+150
°C
PACKAGE OPTIONS
Plastic DIP (N-14)
ADVFC32KN
TO–100 (H-10A)
ADVFC32BH
ADVFC32SH
NOTES
1Nonlinearity defined as deviation from a straight line from zero to full scale, expressed as a percentage of full scale.
2See Figure 3.
3See Figure 1.
4f
MAX expressed in units of MHz.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are
guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.


Numéro de pièce similaire - ADVFC32SH

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADVFC32SH AD-ADVFC32SH Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
More results

Description similaire - ADVFC32SH

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com