Moteur de recherche de fiches techniques de composants électroniques |
|
ADVFC32SH Fiches technique(PDF) 1 Page - Analog Devices |
|
ADVFC32SH Fiches technique(HTML) 1 Page - Analog Devices |
1 / 7 page REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a ADVFC32 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 2000 Voltage-to-Frequency and Frequency-to-Voltage Converter FEATURES High Linearity 0.01% Max at 10 kHz FS 0.05% Max at 100 kHz FS 0.2% Max at 500 kHz FS Output TTL/CMOS-Compatible V/F or F/V Conversion 6 Decade Dynamic Range Voltage or Current Input Reliable Monolithic Construction MIL-STD-883-Compliant Versions Available PIN CONFIGURATION (TOP VIEW) N-14 Package H-10A Package PRODUCT DESCRIPTION The industry standard ADVFC32 is a low cost monolithic voltage-to-frequency (V/F) converter or frequency-to-voltage (F/V) converter with good linearity (0.01% max error at 10 kHz) and operating frequency up to 0.5 MHz. In the V/F configuration, positive or negative input voltages or currents can be converted to a proportional frequency using only a few external compo- nents. For F/V conversion, the same components are used with a simple biasing network to accommodate a wide range of input logic levels. TTL or CMOS compatibility is achieved in the V/F operating mode using an open collector frequency output. The pull-up resistor can be connected to voltages up to 30 volts, or to 15 V or 5 V for conventional CMOS or TTL logic levels. This resis- tor should be chosen to limit current through the open collector output to 8 mA. A larger resistance can be used if driving a high impedance load. Input offset drift is only 3 ppm of full scale per °C, and full- scale calibration drift is held to a maximum of 100 ppm/ °C (ADVFC32BH) due to a low T.C. Zener diode. The ADVFC32 is available in commercial, industrial, and extended temperature grades. The commercial grade is pack- aged in a 14-lead plastic DIP while the two wider temperature range parts are packaged in hermetically sealed 10-lead cans. PRODUCT HIGHLIGHTS 1. The ADVFC32 uses a charge balancing circuit technique (see Functional Block Diagram) which is well suited to high accuracy voltage-to-frequency conversion. The full-scale operating frequency is determined by only one precision resistor and capacitor. The tolerance of other support compo- nents (including the integration capacitor) is not critical. Inexpensive ±20% resistors and capacitors can be used with- out affecting linearity or temperature drift. 2. The ADVFC32 is easily configured to satisfy a wide range of system requirements. Input voltage scaling is set by selecting the input resistor which sets the input current to 0.25 mA at the maximum input voltage. 3. The same components used for V/F conversion can also be used for F/V conversion by adding a simple logic biasing network and reconfiguring the ADVFC32. 4. The ADVFC32 is intended as a pin-for-pin replacement for VFC32 devices from other manufacturers. 5. The ADVFC32 is available in versions compliant with MIL- STD-883. Refer to the Analog Devices Military Products Databook or current ADVFC32/883B data sheet for detailed specifications. |
Numéro de pièce similaire - ADVFC32SH |
|
Description similaire - ADVFC32SH |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |