Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADVFC32BH Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADVFC32BH
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADVFC32BH Fiches technique(HTML) 5 Page - Analog Devices

  ADVFC32BH Datasheet HTML 1Page - Analog Devices ADVFC32BH Datasheet HTML 2Page - Analog Devices ADVFC32BH Datasheet HTML 3Page - Analog Devices ADVFC32BH Datasheet HTML 4Page - Analog Devices ADVFC32BH Datasheet HTML 5Page - Analog Devices ADVFC32BH Datasheet HTML 6Page - Analog Devices ADVFC32BH Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
REV. B
ADVFC32
–4–
Input resistance RIN is composed of a fixed resistor (R1) and a
variable resistor (R3) to allow for initial gain error compensation.
To cover all possible situations, R3 should be 20% of RIN, and
R1 should be 90% of RIN. This allows a
±10% gain adjustment
to compensate for the ADVFC32 full-scale error and the toler-
ance of C1.
If more accurate initial offset is required, the circuit of R4 and
R5 can be added. R5 can have a value between 10 k
Ω and
100 k
Ω, and R4 should be approximately 10 MΩ. The amount
of current required to trim zero offset will be relatively small, so
the temperature coefficients of these resistors are not critical. If
large offsets are added using this circuit, temperature drift of
both of these resistors is much more important.
BIPOLAR V/F
By adding another resistor from Pin 1 (Pin 2 of TO-100 can) to
a stable positive voltage, the ADVFC32 can be operated with a
bipolar input voltage. For example, an 80 k
Ω resistor to 10 V
causes an additional current of 0.125 mA to flow into the inte-
grator so that the net current flow to the integrator is positive
even for negative input voltages. At negative full-scale input
voltage, 0.125 mA will flow into the integrator from VIN cancel-
ling out the 0.125 mA from the offset resistor, resulting in an
output frequency of zero. At positive full scale, the sum of the
two currents will be 0.25 mA and the output will be at its maxi-
mum frequency.
UNIPOLAR V/F, NEGATIVE INPUT VOLTAGE
Figure 3 shows the connection diagram for V/F conversion of
negative input voltages. In this configuration full-scale output
frequency occurs at negative full-scale input, and zero output
frequency corresponds to zero input voltage.
Figure 3. Connection Diagram for V/F Conversion,
Negative Input Voltage
A very high impedance signal source may be used since it only
drive the noninverting integrator input. Typical input imped-
ance at this terminal is 250 M
Ω or higher. For V/F conversion
of positive input signals the signal generator must be able to
source 0.25 mA to properly drive the ADVFC32, but for nega-
tive V/F conversion the 0.25 mA integration current is drawn
from ground through R1 and R3.
Circuit operation for negative input voltages is very similar to
positive input unipolar conversion described in the previous
section. For best operating results use component equations
listed in that section.
F/V CONVERSION
Although the mathematics of F/V conversion can be very com-
plex, the basic principle is easy to understand. Figure 4 shows
the connection diagram for F/V conversion with TTL input
logic levels. Each time the input signal crosses the comparator
threshold going negative, the one shot is activated and switches
1 mA into the integrator input for a measured time period
(determined by C1). As the frequency increases, the amount of
charge injected into the integration capacitor increases propor-
tionately. The voltage across the integration capacitor is stabilized
when the leakage current through R1 and R3 equals the average
current being switched into the integrator. The net result of
these two effects is an average output voltage which is propor-
tional to the input frequency. Optimum performance can be
obtained by selecting components using the same guidelines and
equations listed in the V/F conversion section.
Figure 4. Connection Diagram for F/V Conversion, TTL
Input
DECOUPLING
Decoupling power supplies at the device is good practice in any
system, but absolutely imperative in high resolution applica-
tions. For the ADVFC32, it is important to remember where
the voltage transients and ground currents flow. For example,
the current drawn through the output pull-down transistor
originates from the logic supply, and is directed to ground
through Pin 11 (Pin 8 of TO-100). Therefore, the logic supply
should be decoupled near the ADVFC32 to provide a low im-
pedance return path for switching transients. Also, if there is a
separate digital ground it should be connected to the analog
ground at the ADVFC32. This will prevent ground offsets that
could be created by directing the full 8 mA output current into
the analog ground, and subsequently back to the logic supply.
Although some circuits may operate satisfactorily with the power
supplies decoupled at only one location on each board, this
practice is not recommended for the ADVFC32. For best results,
each supply should be decoupled with 0.1
µF capacitor at the
ADVFC32. In addition, a larger board level decoupling capaci-
tor of 1
µF to 10 µF should be located relatively close to the
ADVFC32 on each power supply.
COMPONENT TEMPERATURE COEFFICIENTS
The drift specifications of the ADVFC32 do not include tem-
perature effects of any of the supporting resistors or capacitors.
The drift of the input resistors R1 and R3 and the timing capaci-
tor C1 directly affect the overall temperature stability. In the


Numéro de pièce similaire - ADVFC32BH

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADVFC32BH AD-ADVFC32BH Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
More results

Description similaire - ADVFC32BH

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com