Moteur de recherche de fiches techniques de composants électroniques |
|
ADVFC32KN Fiches technique(PDF) 5 Page - Analog Devices |
|
ADVFC32KN Fiches technique(HTML) 5 Page - Analog Devices |
5 / 7 page REV. B ADVFC32 –4– Input resistance RIN is composed of a fixed resistor (R1) and a variable resistor (R3) to allow for initial gain error compensation. To cover all possible situations, R3 should be 20% of RIN, and R1 should be 90% of RIN. This allows a ±10% gain adjustment to compensate for the ADVFC32 full-scale error and the toler- ance of C1. If more accurate initial offset is required, the circuit of R4 and R5 can be added. R5 can have a value between 10 k Ω and 100 k Ω, and R4 should be approximately 10 MΩ. The amount of current required to trim zero offset will be relatively small, so the temperature coefficients of these resistors are not critical. If large offsets are added using this circuit, temperature drift of both of these resistors is much more important. BIPOLAR V/F By adding another resistor from Pin 1 (Pin 2 of TO-100 can) to a stable positive voltage, the ADVFC32 can be operated with a bipolar input voltage. For example, an 80 k Ω resistor to 10 V causes an additional current of 0.125 mA to flow into the inte- grator so that the net current flow to the integrator is positive even for negative input voltages. At negative full-scale input voltage, 0.125 mA will flow into the integrator from VIN cancel- ling out the 0.125 mA from the offset resistor, resulting in an output frequency of zero. At positive full scale, the sum of the two currents will be 0.25 mA and the output will be at its maxi- mum frequency. UNIPOLAR V/F, NEGATIVE INPUT VOLTAGE Figure 3 shows the connection diagram for V/F conversion of negative input voltages. In this configuration full-scale output frequency occurs at negative full-scale input, and zero output frequency corresponds to zero input voltage. Figure 3. Connection Diagram for V/F Conversion, Negative Input Voltage A very high impedance signal source may be used since it only drive the noninverting integrator input. Typical input imped- ance at this terminal is 250 M Ω or higher. For V/F conversion of positive input signals the signal generator must be able to source 0.25 mA to properly drive the ADVFC32, but for nega- tive V/F conversion the 0.25 mA integration current is drawn from ground through R1 and R3. Circuit operation for negative input voltages is very similar to positive input unipolar conversion described in the previous section. For best operating results use component equations listed in that section. F/V CONVERSION Although the mathematics of F/V conversion can be very com- plex, the basic principle is easy to understand. Figure 4 shows the connection diagram for F/V conversion with TTL input logic levels. Each time the input signal crosses the comparator threshold going negative, the one shot is activated and switches 1 mA into the integrator input for a measured time period (determined by C1). As the frequency increases, the amount of charge injected into the integration capacitor increases propor- tionately. The voltage across the integration capacitor is stabilized when the leakage current through R1 and R3 equals the average current being switched into the integrator. The net result of these two effects is an average output voltage which is propor- tional to the input frequency. Optimum performance can be obtained by selecting components using the same guidelines and equations listed in the V/F conversion section. Figure 4. Connection Diagram for F/V Conversion, TTL Input DECOUPLING Decoupling power supplies at the device is good practice in any system, but absolutely imperative in high resolution applica- tions. For the ADVFC32, it is important to remember where the voltage transients and ground currents flow. For example, the current drawn through the output pull-down transistor originates from the logic supply, and is directed to ground through Pin 11 (Pin 8 of TO-100). Therefore, the logic supply should be decoupled near the ADVFC32 to provide a low im- pedance return path for switching transients. Also, if there is a separate digital ground it should be connected to the analog ground at the ADVFC32. This will prevent ground offsets that could be created by directing the full 8 mA output current into the analog ground, and subsequently back to the logic supply. Although some circuits may operate satisfactorily with the power supplies decoupled at only one location on each board, this practice is not recommended for the ADVFC32. For best results, each supply should be decoupled with 0.1 µF capacitor at the ADVFC32. In addition, a larger board level decoupling capaci- tor of 1 µF to 10 µF should be located relatively close to the ADVFC32 on each power supply. COMPONENT TEMPERATURE COEFFICIENTS The drift specifications of the ADVFC32 do not include tem- perature effects of any of the supporting resistors or capacitors. The drift of the input resistors R1 and R3 and the timing capaci- tor C1 directly affect the overall temperature stability. In the |
Numéro de pièce similaire - ADVFC32KN |
|
Description similaire - ADVFC32KN |