Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBYT03 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce SMBYT03
Description  FAST RECOVERY RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBYT03 Fiches technique(HTML) 1 Page - STMicroelectronics

  SMBYT03 Datasheet HTML 1Page - STMicroelectronics SMBYT03 Datasheet HTML 2Page - STMicroelectronics SMBYT03 Datasheet HTML 3Page - STMicroelectronics SMBYT03 Datasheet HTML 4Page - STMicroelectronics SMBYT03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMBYT03
®
October 1999 - Ed : 2C
FAST RECOVERY RECTIFIER DIODES
DESCRIPTION
FEATURES
SMC
Symbol
Parameter
Value
Unit
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
Tl=55
°C
δ = 0.5
3A
IFSM
Non repetitive surge peak forward current
tp=10ms
sinusoidal
60
A
Tstg
Tj
Storage and junction temperature range
- 40 to + 150
- 40 to + 150
°C
°C
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction-leads
20
°C/W
THERMAL RESISTANCE
VERY LOW REVERSE RECOVERY TIME
VERY LOW SWITCHING LOSSES
LOW NOISE TURN-OFF SWITCHING
SURFACE MOUNT DEVICE
Single high voltage rectifier ranging from 200V to
400 V suited for Switch Mode Power Supplies and
other power converters.
1/5


Numéro de pièce similaire - SMBYT03

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SMBYT03 STMICROELECTRONICS-SMBYT03 Datasheet
75Kb / 5P
   FAST RECOVERY RECTIFIER DIODES
logo
Zibo Seno Electronic En...
SMBYT03-100 ZSELEC-SMBYT03-100 Datasheet
158Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT03-1000 ZSELEC-SMBYT03-1000 Datasheet
158Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT03-200 ZSELEC-SMBYT03-200 Datasheet
158Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT03-400 ZSELEC-SMBYT03-400 Datasheet
158Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
More results

Description similaire - SMBYT03

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com