Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBB15CH120D Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce FSBB15CH120D
Description  Motion SPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSBB15CH120D Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button FSBB15CH120D Datasheet HTML 7Page - ON Semiconductor FSBB15CH120D Datasheet HTML 8Page - ON Semiconductor FSBB15CH120D Datasheet HTML 9Page - ON Semiconductor FSBB15CH120D Datasheet HTML 10Page - ON Semiconductor FSBB15CH120D Datasheet HTML 11Page - ON Semiconductor FSBB15CH120D Datasheet HTML 12Page - ON Semiconductor FSBB15CH120D Datasheet HTML 13Page - ON Semiconductor FSBB15CH120D Datasheet HTML 14Page - ON Semiconductor FSBB15CH120D Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2017 Semiconductor Components Industries, LLC
10
www.fairchildsemi.com
www.onsemi.com
FSBB15CH120D • Rev. 1
Mechanical Characteristics and Ratings
Figure 9. Flatness Measurement Position
Figure 10. Mounting Screws Torque Order
Note:
11. Do not make over torque when mounting screws. Much mounting torque may cause DBC cracks, as well as bolts and Al heat-sink destruction.
12. Avoid one-sided tightening stress. Figure 10 shows the recommended torque order for mounting screws. Uneven mounting can cause the DBC substrate of package to be
damaged. The pre-screwing torque is set to 20 ~ 30% of maximum torque rating.
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
Device Flatness
See Figure 9
0
-
+150
m
Mounting Torque
Mounting Screw: M3
See Figure 10
Recommended 0.7 N • m
0.6
0.7
0.8
N • m
Recommended 7.1 kg • cm
6.2
7.1
8.1
kg • cm
Terminal Pulling Strength
Load 19.6 N
10
-
-
s
Terminal Bending Strength
Load 9.8 N, 90 deg. bend
2
-
-
times
Weight
-15
-
g
( + )
( + )
( + )
( + )
1
2
Pre - Screwing : 1
2
Final Screwing : 2
1


Numéro de pièce similaire - FSBB15CH120D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
More results

Description similaire - FSBB15CH120D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSB50550B ONSEMI-FSB50550B Datasheet
891Kb / 13P
   Motion SPM
Rev. 1.2
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com