Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF9010BCPZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADF9010BCPZ
Description  900 MHz ISM Band Analog RF Front End
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF9010BCPZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADF9010BCPZ Datasheet HTML 7Page - Analog Devices ADF9010BCPZ Datasheet HTML 8Page - Analog Devices ADF9010BCPZ Datasheet HTML 9Page - Analog Devices ADF9010BCPZ Datasheet HTML 10Page - Analog Devices ADF9010BCPZ Datasheet HTML 11Page - Analog Devices ADF9010BCPZ Datasheet HTML 12Page - Analog Devices ADF9010BCPZ Datasheet HTML 13Page - Analog Devices ADF9010BCPZ Datasheet HTML 14Page - Analog Devices ADF9010BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ADF9010
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–40
–60
–80
–100
–120
–140
–160
1k
100M
10k
100k
1M
10M
FREQUENCY (Hz)
900MHz LO
10MHz REFIN
1MHz PFD
INTEGRATED PHASE ERROR: 0.75 rms
Figure 4. LO Phase Noise (900 MHz, Including Open-Loop VCO Noise)
10
9
8
7
6
5
4
3
2
1
0
840 850
880
910
LO FREQUENCY (MHz)
860
890
920
870
900
930 940 950 960
–40°C 3.15V POUT
–40°C 3.3V POUT
–40°C 3.45V POUT
+25°C 3.15V POUT
+25°C 3.3V POUT
+25°C 3.45V POUT
+85°C 3.15V POUT
+85°C 3.3V POUT
+85°C 3.45V POUT
Figure 5. Single Sideband Tx Power Output (dBm) vs. LO frequency (Hz) with
Supply and Temperature Variations; Outputs Combined in 50:100 Balun
20
15
10
5
0
–5
–10
–15
–10
–5
0
10
20
PIN (dBm)
515
–40°C 3.15V POUT
–40°C 3.3V POUT
–40°C 3.45V POUT
+25°C 3.15V POUT
+25°C 3.3V POUT
+25°C 3.45V POUT
+85°C 3.15V POUT
+85°C 3.3V POUT
+85°C 3.45V POUT
IDEAL
Figure 6. Power Output vs. Baseband Input Power with Supply and
Temperature Variations
28
27
26
25
24
23
22
21
20
19
18
840 850
880
910
LO FREQUENCY (MHz)
860
890
920
870
900
930 940 950 960
–40°C 3.15V OIP3
–40°C 3.3V OIP3
–40°C 3.45V OIP3
+85°C 3.15V OIP3
+85°C 3.3V OIP3
+85°C 3.45V OIP3
+25°C 3.15V OIP3
+25°C 3.3V OIP3
+25°C 3.45V OIP3
Figure 7. Output IP3 (dBm) vs. LO Frequency (Hz), with Supply and
Temperature Variations; Two-Tone Test (10 MHz and 12 MHz Baseband
Input Frequencies)
0
–10
–20
–30
–40
–50
–60
–70
–80
LO FREQUENCY (MHz)
–40°C 3.15V SBS
–40°C 3.3V SBS
–40°C 3.45V SBS
+85°C 3.15V SBS
+85°C 3.3V SBS
+85°C 3.45V SBS
+25°C 3.15V SBS
+25°C 3.3V SBS
+25°C 3.45V SBS
840 850
880
910
860
890
920
870
900
930 940 950 960
Figure 8. Unwanted Sideband Suppression (dBc) vs. LO Frequency (Hz) with
Supply and Temperature Variations
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.2
1.0
1.8
2.6
3.4
DIFFERENTIAL INPUT VOLTAGE (V)
3.0
0.6
1.4
2.2
25°C 3.3V POUT (dBm)
25°C 3.3V SBS (dBc)
25°C 3.3V LOFT (dBc)
25°C 3.3V HD2 (dBm)
25°C 3.3V HD3 (dBm)
Figure 9. Second- and Third-Order Distortion, Sideband Suppression (dBc),
Carrier Feedthrough (dBm) and SBS POUT vs. Baseband Differential Input
Level; LO Frequency = 900 MHz


Numéro de pièce similaire - ADF9010BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF9010BCPZ AD-ADF9010BCPZ Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010BCPZ-RL AD-ADF9010BCPZ-RL Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010BCPZ-RL7 AD-ADF9010BCPZ-RL7 Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
More results

Description similaire - ADF9010BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
Skyworks Solutions Inc.
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
logo
World Produts Inc.
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
   900 MHz ISM Band Whip / Stubby Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
   900 MHz ISM band Omni-directional Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
   900 MHz ISM band Directional Panel Antenna
logo
Skyworks Solutions Inc.
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com