Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN604H Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce FAN604H
Description  Motion SPM 5 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN604H Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button FAN604H Datasheet HTML 5Page - ON Semiconductor FAN604H Datasheet HTML 6Page - ON Semiconductor FAN604H Datasheet HTML 7Page - ON Semiconductor FAN604H Datasheet HTML 8Page - ON Semiconductor FAN604H Datasheet HTML 9Page - ON Semiconductor FAN604H Datasheet HTML 10Page - ON Semiconductor FAN604H Datasheet HTML 11Page - ON Semiconductor FAN604H Datasheet HTML 12Page - ON Semiconductor FAN604H Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Semiconductor Components Industries, LLC, 2017
www.fairchildsemi.com
FSB50450B / FSB50450BS . Rev. 1.2
www.onsemi.com
8
Figure 11. Example of Application Circuit
Notes:
13. About pin position, refer to Figure 1.
14. RC-coupling (R5 and C5, R4 and C6) and C4 at each input of Motion SPM® 5 product and MCU are useful to prevent improper input signal caused by surge-noise.
15. The voltage-drop across R3 affects the low-side switching performance and the bootstrap characteristics since it is placed between COM and the source terminal of the low-
side MOSFET. For this reason, the voltage-drop across R3 should be less than 1 V in the steady-state.
16. Ground-wires and output terminals, should be thick and short in order to avoid surge-voltage and malfunction of HVIC.
17. All the filter capacitors should be connected close to Motion SPM 5 product, and they should have good characteristics for rejecting high-frequency ripple current.
COM
VDD
LIN
HIN
VB
HO
VS
LO
COM
VDD
LIN
HIN
VB
HO
VS
LO
COM
VDD
LIN
HIN
VB
HO
VS
LO
(1 ) COM
(2 ) VB(U)
(3 ) VDD(U)
(4 ) IN(UH)
(5 ) IN(UL)
(6 ) N.C
(7 ) VB(V)
(8 ) VDD(V)
(9 ) IN(VH)
(10) IN(VL)
(11) VTS
(12) VB(W)
(13) VDD(W)
(14) IN(WH)
(15) IN(WL)
(16) N.C
(17) P
(18) U , VS(U)
(19) NU
(22) NW
C1
15 V
Supply
C3
VDC
C2
R3
R4
C6
R5
C5
For current-sensing and protection
VTS
(21) V , VS(V)
(20) NV
(23) W, VS(W)
C
4
M


Numéro de pièce similaire - FAN604H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
FAN604MX ONSEMI-FAN604MX Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
FAN604PMX ONSEMI-FAN604PMX Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
More results

Description similaire - FAN604H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
NFA50460R4B ONSEMI-NFA50460R4B Datasheet
968Kb / 13P
   Motion SPM 5 Series
December, 2020 ??Rev. 0
FSB50650B ONSEMI-FSB50650B Datasheet
558Kb / 11P
   Motion SPM 5 Series
March, 2019 ??Rev. 2
FSB50250AS ONSEMI-FSB50250AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825A ONSEMI-FSB50825A Datasheet
508Kb / 13P
   Motion SPM 5 Series
October 2016 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com