Moteur de recherche de fiches techniques de composants électroniques |
|
LB25RGW01-12FJ Fiches technique(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB25RGW01-12FJ Fiches technique(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
7 / 20 page Series LB Standard Size Snap-in Pushbuttons D54 D www.nkkswitches.com CAP TYPES & COLOR COMBINATIONS BJ Solid Cap for Incandescent Lamp & Nonilluminated Lens/Filter Colors Available: CJ EJ AT476 Square JF and JG not suitable with neon lamp. FJ GJ Color Codes: B White C Red D Amber E Yellow F Green G Blue J Clear Material: Polycarbonate Finish: Glossy AT4012 Round AT4026 Rectangular Material: Polycarbonate Finish: Glossy AT477 Square AT4013 Round AT4027 Rectangular Insert Cap for Incandescent or Neon Lamp & Nonilluminated JB JC JE JF JG Lens/Filter Colors Available: Translucent Colored Lens Transparent Clear Filter Lamp AT607 Transparent Clear Lens Translucent Colored Filter Lamp AT607 or 607N (19.0) Dia .748 (4.5) .177 (5.5) .217 (19.4) .764 (13.2) .520 (5.0) .197 (6.0) .236 (3.5) .138 (6.5) .256 (13.2) Sq .520 (3.5) .138 (6.5) .256 (13.2) Sq .520 (19.4) .764 (13.2) .520 (5.0) .197 (6.0) .236 (19.0) Dia .748 (4.5) .177 (5.5) .217 Material: Polycarbonate Finish: Glossy AT4176 Square AT4178 Round AT4177 Rectangular Cap for Bright LED without Resistor Lens/Diffuser Colors Available: Transparent Clear Lens Translucent Colored Diffuser Bright LED AT635 Material: Polycarbonate Finish: Glossy AT4162 Square AT4164 Round AT4163 Rectangular Cap for Bright LED with Resistor JB JC JD JF Lens/Diffuser Colors Available: Transparent Clear Lens Translucent Colored Diffuser JB JC JD JF (4.5) .177 (5.5) .217 (19.0) Dia .748 (3.5) .138 (6.5) .256 (13.2) Sq .520 (19.4) .764 (13.2) .520 (5.0) .197 (6.0) .236 (19.0) Dia .748 (4.5) .177 (5.5) .217 Bright LED AT627 (6.5) .256 (3.5) .138 (13.2) Sq .520 (19.4) .764 (13.2) .520 (5.0) .197 (6.0) .236 |
Numéro de pièce similaire - LB25RGW01-12FJ |
|
Description similaire - LB25RGW01-12FJ |