Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR60-12500AZ Fiches technique(PDF) 5 Page - AIMTEC

No de pièce AMEPR60-12500AZ
Description  up to 5A | AC-DC / DC-DC | LED Driver / Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60-12500AZ Fiches technique(HTML) 5 Page - AIMTEC

  AMEPR60-12500AZ Datasheet HTML 1Page - AIMTEC AMEPR60-12500AZ Datasheet HTML 2Page - AIMTEC AMEPR60-12500AZ Datasheet HTML 3Page - AIMTEC AMEPR60-12500AZ Datasheet HTML 4Page - AIMTEC AMEPR60-12500AZ Datasheet HTML 5Page - AIMTEC AMEPR60-12500AZ Datasheet HTML 6Page - AIMTEC AMEPR60-12500AZ Datasheet HTML 7Page - AIMTEC AMEPR60-12500AZ Datasheet HTML 8Page - AIMTEC AMEPR60-12500AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Series AMEPR60-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AE
5 of 13
North America only
Efficiency Vs. Input Voltage & Output Current (Constant Current Mode)
AMEPR60-50120AZ
AMEPR60-36170AZ
115Vac, 0.24, 
82.323
115Vac, 1.2, 
86.6
230Vac, 0.24, 
74.12
230Vac, 1.2, 
87.77
277Vac, 0.24, 
74.59
277Vac, 1.2, 
87.64
(%)
(A)
Efficiency VS. Input Voltage & Output Current
115Vac
230Vac
277Vac
110Vac, 0.34, 
83.02
110Vac, 1.7, 
85.53
230Vac, 0.34, 
76.26
86.82
76.28
277Vac, 1.7, 
86.8
(%)
(A)
Efficiency VS. Input Voltage & Output Current
110Vac
230Vac
277Vac


Numéro de pièce similaire - AMEPR60-12500AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR60-12500AZ AIMTEC-AMEPR60-12500AZ Datasheet
558Kb / 11P
   up to 5A | AC-DC LED driver
AMEPR60-12500AZ AIMTEC-AMEPR60-12500AZ Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Description similaire - AMEPR60-12500AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ Datasheet
689Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com