Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ45 Fiches technique(PDF) 2 Page - Yangzhou yangjie electronic co., ltd |
|
SMAJ45 Fiches technique(HTML) 2 Page - Yangzhou yangjie electronic co., ltd |
2 / 7 page SMAJ SERIES 2 / 7 Yangzhou Yangjie Electronic Technology Co., Ltd. S-S096 Rev. 2.0, 28-Apr-14 www.21yangjie.com Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA= 25 p ℃ er Fig.2. (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal (3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V ■Ordering Information (Example) PREFERED P/N PACKING CODE UNIT WEIGHT(g) MINIMUM PACKAGE(pcs) INNER BOX QUANTITY(pcs) OUTER CARTON QUANTITY(pcs) DELIVERY MODE SMAJ SERIES F2 0.097 750 3000 24000 7” reel SMAJ SERIES F1 0.097 3000 6000 48000 13” reel ■Electrical Characteristics(Ta=25℃ Unless otherwise specified) Part Number(Uni) Part Number(Bi) Breakdown Voltage VBR@IT Maximum Reverse Leakage IR@ VWM (6) (μA) Working Peak Reverse Voltage VRWM (V) Maximum Reverse Surge Current IPP (5) (A) Maximum Clamping Voltage Vc @ IPP (V) Min(V) Max (V) IT (4)(mA) SMAJ5.0 SMAJ5.0C 6.40 7.30 10 800 5.0 41.7 9.6 SMAJ5.0A SMAJ5.0CA 6.40 7.07 10 800 5.0 43.5 9.2 SMAJ6.0 SMAJ6.0C 6.67 8.15 10 800 6.0 35.1 11.4 SMAJ6.0A SMAJ6.0CA 6.67 7.37 10 800 6.0 38.8 10.3 SMAJ6.5 SMAJ6.5C 7.22 8.82 10 500 6.5 32.5 12.3 SMAJ6.5A SMAJ6.5CA 7.22 7.98 10 500 6.5 35.7 11.2 SMAJ7.0 SMAJ7.0C 7.78 9.51 10 200 7.0 30.1 13.3 SMAJ7.0A SMAJ7.0CA 7.78 8.60 10 200 7.0 33.3 12.0 SMAJ7.5 SMAJ7.5C 8.33 10.20 1.0 100 7.5 28.0 14.3 SMAJ7.5A SMAJ7.5CA 8.33 9.21 1.0 100 7.5 31.0 12.9 SMAJ8.0 SMAJ8.0C 8.89 10.90 1.0 50 8.0 26.7 15.0 SMAJ8.0A SMAJ8.0CA 8.89 9.83 1.0 50 8.0 29.4 13.6 SMAJ8.5 SMAJ8.5C 9.44 11.50 1.0 10 8.5 25.1 15.9 SMAJ8.5A SMAJ8.5CA 9.44 10.4 1.0 10 8.5 27.8 14.4 SMAJ9.0 SMAJ9.0C 10.0 12.2 1.0 5.0 9.0 23.6 16.9 SMAJ9.0A SMAJ9.0CA 10.0 11.1 1.0 5.0 9.0 26.0 15.4 SMAJ10 SMAJ10C 11.1 13.6 1.0 5.0 10.0 21.3 18.8 SMAJ10A SMAJ10CA 11.1 12.3 1.0 5.0 10.0 23.5 17.0 SMAJ11 SMAJ11C 12.2 14.9 1.0 5.0 11.0 19.9 20.1 SMAJ11A SMAJ11CA 12.2 13.5 1.0 5.0 11.0 22.0 18.2 SMAJ12 SMAJ12C 13.3 16.3 1.0 5.0 12.0 18.2 22.0 SMAJ12A SMAJ12CA 13.3 14.7 1.0 5.0 12.0 20.1 19.9 SMAJ13 SMAJ13C 14.4 17.6 1.0 5.0 13.0 16.8 23.8 SMAJ13A SMAJ13CA 14.4 15.9 1.0 5.0 13.0 18.6 21.5 SMAJ14 SMAJ14C 15.6 19.1 1.0 5.0 14.0 15.5 25.8 SMAJ14A SMAJ14CA 15.6 17.2 1.0 5.0 14.0 17.2 23.2 SMAJ15 SMAJ15C 16.7 20.4 1.0 5.0 15.0 14.8 26.9 SMAJ15A SMAJ15CA 16.7 18.5 1.0 5.0 15.0 16.4 24.4 |
Numéro de pièce similaire - SMAJ45 |
|
Description similaire - SMAJ45 |